Electronic Components Datasheet Search
  English  ▼

X  

TDA8741 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8741
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8741 Datasheet HTML 5Page - NXP Semiconductors TDA8741 Datasheet HTML 6Page - NXP Semiconductors TDA8741 Datasheet HTML 7Page - NXP Semiconductors TDA8741 Datasheet HTML 8Page - NXP Semiconductors TDA8741 Datasheet HTML 9Page - NXP Semiconductors TDA8741 Datasheet HTML 10Page - NXP Semiconductors TDA8741 Datasheet HTML 11Page - NXP Semiconductors TDA8741 Datasheet HTML 12Page - NXP Semiconductors TDA8741 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
October 1994
9
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. All voltages referenced to ground pins 9 and 34 (4 and 30).
2. All voltages referenced to ground pins 9 and 34 (4 and 30). These voltages must not exceed VP or maximum value
at any time.
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
All voltages referenced to ground at pins 9 and 34 (4 and 30). Measured in test circuit Fig.4; VP =12V; Tamb =25 °C;
∆fM = ∆fS1 = ∆fS2 = 0 kHz (no modulation); fOM = 6.5 MHz; fOS1 = 10.7 MHz; fOS2 = 10.52 MHz; HF level at pin 18 (14):
40 mV (RMS); HF level at pins 8 and 16 (3 and 11): 20 mV (RMS); MCS = logic 0 [V7 (V2) = 0 V];
SCD = logic 0 [V11 (V6) = 0 V]; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
note 1
0
13.2
V
VI
input voltage level on pins 8 and 16
(3 and 11)
note 2
0
1
V
Vn
voltage on pins 11, 13, 15, 17, 20, 21,
23 to 26, 31, 33, 35, 37, 40, 41, and 42
(6, 8, 10, 13, 16, 17, 19, 20 to 22, 27, 29,
31, 33, 36, 37 and 38)
note 2
0
9
V
Vn
voltage on pins 7, 18, 19, 27 to 30, 32,
36, 38 and 39 (2, 14, 15, 23 to 26, 28,
32, 34 and 35)
note 1
0
VP
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SDIP42
53
K/W
QFP44
69
K/W
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
8.0
12
13.2
V
IP
supply current
−
38
45
mA
Ptot
total power dissipation
−−
600
mW
Vn
voltage on pins 20, 21, 23, 24, 25, 27, 28, 30, 32, 33, 35, 36
and 38 (16, 17, 19, 20, 21, 23, 24, 26, 28, 29, 31, 32 and 34)
−
3.8
−
V
VREF
input reference voltage on pin 19 (15)
3.7
3.8
3.9
V
VIN1,IN2
voltage on pins 8 and 16 (3 and 11)
−
0
−
V
VCDCL,CDCR
voltage on pins 40 and 42 (36 and 38)
−
3.0
−
V
VCDCM
voltage on pin 41 (37)
−
2.8
−
V
IIN3
input current at pin 18 (14)
−−
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com