Electronic Components Datasheet Search
  English  ▼

X  

TDA8741 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8741
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8741 Datasheet HTML 7Page - NXP Semiconductors TDA8741 Datasheet HTML 8Page - NXP Semiconductors TDA8741 Datasheet HTML 9Page - NXP Semiconductors TDA8741 Datasheet HTML 10Page - NXP Semiconductors TDA8741 Datasheet HTML 11Page - NXP Semiconductors TDA8741 Datasheet HTML 12Page - NXP Semiconductors TDA8741 Datasheet HTML 13Page - NXP Semiconductors TDA8741 Datasheet HTML 14Page - NXP Semiconductors TDA8741 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
October 1994
11
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
Secondary channels 1 and 2 - PLL FM demodulators
fCCO1
free running frequency PLL1
−
10.7
−
MHz
fCCO2
free running frequency PLL2
−
10.52
−
MHz
∆fOS1/2
lock range of PLLs
note 3
10
−
11.5
MHz
RS1,S2
series resistance for optimum
frequency response adjustment
0
0.68
2.2
k
Ω
VCDCL,CDCR(rms)
PLL output voltage pins 40 and
42 (36 and 38) (RMS value)
pins to be left open-circuit
−
9
−
mV
∆V
CDCL,CDCR
spread of PLL output voltage
over lock range
−−
±1dB
Secondary channels - overall performance of LPF and NR (output selectors in position 1)
RO
output resistance for 75
µs
de-emphasis pins 36 and 32 (32
and 28)
1.9
2.3
2.6
k
Ω
Ri
input resistance of output
amplifiers pins 35 and 33
(31 and 29)
95
150
200
k
Ω
VOL,OR
output voltage level pins 25 and
24 (21 and 20)
note 4
−8
−6
−4
dBV
UBS
unbalance voltage outputs
pins 25 and 24 (21 and 20)
note 4
−1
−
+1
dB
THD
total harmonic distortion
note 4
−
0.1
0.5
%
S/N(A)
signal-to-noise ratio
A-weighted; note 4
72
80
−
dB
Ro
output resistance pins 25 and 24
(21 and 20)
note 4
92
125
150
Ω
MUTEatt
mute attenuation
output selector in
position 6; note 4
74
−−
dB
αS/S
crosstalk attenuation between
secondary channels
note 5
−
74
−
dB
α
M/S
crosstalk attenuation from main
channel to secondary
note 6
−
74
−
dB
Voffset(DC)
DC offset voltage on
attack/recovery capacitors
pins 29, 39 (25, 35)
all PLLs locked;
∆f = 0
14
16
20
mV
SVRR
supply voltage ripple rejection
VRR = 100 mV; fi =70Hz
−
25
−
dB
Secondary channels - low-pass filter pins 38 and 30 (34 and 26)
50 kHz frequency response
with respect to 1 kHz
note 7
−25
−16
−9dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
RECTL RECTR 50 kHz
()
,
V
RECTL RECTR 1 kHz
()
,
-----------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com