Electronic Components Datasheet Search
  English  ▼

X  

TIP41CG Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP41CG
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP41CG Datasheet(HTML) 3 Page - ON Semiconductor

  TIP41CG Datasheet HTML 1Page - ON Semiconductor TIP41CG Datasheet HTML 2Page - ON Semiconductor TIP41CG Datasheet HTML 3Page - ON Semiconductor TIP41CG Datasheet HTML 4Page - ON Semiconductor TIP41CG Datasheet HTML 5Page - ON Semiconductor TIP41CG Datasheet HTML 6Page - ON Semiconductor TIP41CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP41G, TIP41AG, TIP41BG, TIP41CG (NPN), TIP42G, TIP42AG, TIP42BG,
TIP42CG (PNP)
www.onsemi.com
3
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
100
0
20
160
40
60
60
80
40
140
80
Figure 2. Switching Time Test Circuit
0.06
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMP)
0.02
0.4
6.0
0.07
1.0
4.0
TJ = 25°C
VCC = 30 V
IC/IB = 10
0.5
0.3
0.1
0.05
0.1
0.6
1.0
td @ VBE(off) ≈ 5.0 V
0.03
0.7
2.0
0.2
2.0
tr
20
120
TC
TC
0
1.0
2.0
3.0
4.0
TA
TA
+11 V
25
ms
0
-9.0 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com