Electronic Components Datasheet Search
  English  ▼

X  

TIP41CG Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP41CG
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP41CG Datasheet(HTML) 4 Page - ON Semiconductor

  TIP41CG Datasheet HTML 1Page - ON Semiconductor TIP41CG Datasheet HTML 2Page - ON Semiconductor TIP41CG Datasheet HTML 3Page - ON Semiconductor TIP41CG Datasheet HTML 4Page - ON Semiconductor TIP41CG Datasheet HTML 5Page - ON Semiconductor TIP41CG Datasheet HTML 6Page - ON Semiconductor TIP41CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIP41G, TIP41AG, TIP41BG, TIP41CG (NPN), TIP42G, TIP42AG, TIP42BG,
TIP42CG (PNP)
www.onsemi.com
4
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
ZqJC(t) = r(t) RqJC
RqJC = 1.92°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1.0 k
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 4. Thermal Response
0.1
0.05
0.02
0.01
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.05
0.2
0.5
2.0
5.0
200
500
10
20
50
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
20
5.0
60
100
Figure 5. Active−Region Safe Operating Area
0.2
0.1
0.5
SECONDARY BREAKDOWN LTD
BONDING WIRE LTD
THERMAL LIMITATION @ TC = 25°C
(SINGLE PULSE)
1.0ms
2.0
1.0
10
5.0
0.5ms
CURVES APPLY BELOW RATED VCEO
3.0
0.3
40
80
5.0ms
TJ = 150°C
TIP41, TIP42
TIP41A, TIP42A
TIP41B, TIP42B
TIP41C, TIP42C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
≤ 150°C. TJ(pk) may be calculated from the data in Figure 4.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
0.1
0.4
0.6
4.0
0.06
1.0
2.0
0.2
IC, COLLECTOR CURRENT (AMP)
Figure 6. Turn−Off Time
5.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
6.0
1.0
3.0
5.0
20
0.5
10
2.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance
300
200
100
70
50
30
30
50
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
Cib
Cob
3.0
ts
tf
TJ = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com