Electronic Components Datasheet Search
  English  ▼

X  

6302 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6302
Description  Dual Ignition Coil Ignitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6302 Datasheet(HTML) 1 Page - Mallory performance club

  6302 Datasheet HTML 1Page - Mallory performance club 6302 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Ignition Coil Ignitor
PN 6302
Parts Included:
1 – Dual Ignition Coil Ignitor
1 – Parts Bag
The MSD Dual Ignition Coil Ignitor allows for the installation of an MSD DIS-2 Series Ignition Control and
MSD Coils on vehicles with factory transistorized/driver style coils. It achieves this by inverting the logic
signal from the ECU and creating a high current output to drive an inductive coil, or points input of an
MSD Ignition Box.
Note: There are a number of different applications that can use the PN 6302. These instructions illustrate
an installation on a 4-cylinder with 2 wasted spark coils. It is recommended to have the wiring
schematic of your vehicle prior to installation.
MOUNTING
The Dual Ignition Coil Ignitor is designed to be mounted under the hood. The circuits are potted in
polyurethane for water resistance and vibration protection. Position the unit away from excessive heat
sources and mark the location of the three mounting holes. Use a 5/32” bit to drill the holes and secure
the unit with the supplied screws.
WIRING
The Dual Ignition Coil Ignitor comes with both male and female bullet terminals installed on the harness.
These terminals are designed to plug directly into the harness of an MSD DIS-2 Ignition, color-to-color. The
ring lugs supplied in the parts bag install on the black wires and are to be connected to a good chassis
ground.
WIRING
WHITE
Factory ECU Signal A.
GREEN
Factory ECU Signal B.
BROWN/WHITE
Output to DIS A.
BROWN/GREEN Output to DIS B.
BLACK
Chassis ground.
WHITE
BROWN/WHITE
GREEN
BROWN/GREEN
BLACK
PN 6302
GOOD CHASSIS
GROUND
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 6302

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6302-RC BOURNS-6302-RC Datasheet
426Kb / 1P
Varnished Chokes
logo
Belden Inc.
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FC-8771000 BELDEN-6302FC-8771000 Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FE BELDEN-6302FE Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
6302FE-8771000 BELDEN-6302FE-8771000 Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
More results

Similar Description - 6302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
logo
Renesas Technology Corp
GN4014ZB4LD RENESAS-GN4014ZB4LD Datasheet
85Kb / 8P
Silicon IGBT Ignition Coil Driver
logo
Mallory performance clu...
29450 MALLORY-29450 Datasheet
39Kb / 2P
PROMASTER IGNITION COIL
logo
Renesas Technology Corp
GN4014ZB4LD RENESAS-GN4014ZB4LD_09 Datasheet
114Kb / 8P
Silicon IGBT Ignition Coil Driver
logo
STMicroelectronics
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
logo
Mallory performance clu...
PN6302 MALLORY-PN6302 Datasheet
213Kb / 2P
Dual Ignition Coil Ignitor
logo
STMicroelectronics
VBG15NB22T5SP-E STMICROELECTRONICS-VBG15NB22T5SP-E Datasheet
394Kb / 16P
Ignition coil drive
May 2011 Rev 1
logo
ON Semiconductor
FGBS3040E1-F085 ONSEMI-FGBS3040E1-F085 Datasheet
591Kb / 9P
Integrated Smart Ignition Coil Driver
September-2017, Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com