Electronic Components Datasheet Search
  English  ▼

X  

6302 Datasheet(PDF) 2 Page - Mallory performance club

Part # 6302
Description  Dual Ignition Coil Ignitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6302 Datasheet(HTML) 2 Page - Mallory performance club

  6302 Datasheet HTML 1Page - Mallory performance club 6302 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLUE
IGNITION INTERRUPT (NO SPARK OUTPUT WHEN GROUNDED)
BROWN
PINK
8-PIN CONNECTOR
BYPASS CONNECTOR
LED MONITOR
TACH OUTPUT
RED
BLACK
BATTERY POSITIVE (+)
BATTERY NEGATIVE (-)
WIRE COLOR CODE FOR DIS-2
Brown/White - Coil (-) Channel 1
Brown/Green - Coil (-) Channel 2
Brown/Orange - Coil (+) High Voltage
White - Trigger Input Channel 1
Green - Trigger Input Channel 2
Black (Heavy) - Battery (-)
Red (Heavy) - Battery (+)
Red - Ignition 12 Volt (Switched)
Pink - Step Retard (to 12 Volts)
Blue - Two Step (to 12 Volts)
Brown - No Spark output when Grounded
WHITE
BROWN/WHITE
GREEN
BROWN/GREEN
BLACK
BROWN/
ORANGE
BROWN/
GREEN
BROWN/
ORANGE
BUTT
SPLICE
RED
RED
WHITE
GREEN
BROWN/
WHITE
GROUND
GROUND
COIL 1
HARNESS
COIL 2
HARNESS
PN 6302
IGNITION +12V
SIGNAL
IGNITION +12V
SIGNAL
GOOD CHASSIS
GROUND
STEP RETARD (TO 12 VOLTS)
TWO STEP (TO 12 VOLTS)
Figure 1 Wiring
Limited Warranty
MSD warrants this product to be free from defects in material and workmanship under its intended normal use*,
when properly installed and purchased from an authorized MSD dealer, for a period of one year from the date of
the original purchase. This warranty is void for any products purchased through auction websites. If found to be
defective as mentioned above, it will be repaired or replaced at the option of MSD. Any item that is covered under
this warranty will be returned free of charge using Ground shipping methods.
This shall constitute the sole remedy of the purchaser and the sole liability of MSD. To the extent permitted by
law, the foregoing is exclusive and in lieu of all other warranties or representation whether expressed or implied,
including any implied warranty of merchantability or fitness. In no event shall MSD or its suppliers be liable for special
or consequential damages.
*Intended normal use means that this item is being used as was originally intended and for the original application
as sold by MSD. Any modifications to this item or if it is used on an application other than what MSD markets the
product, the warranty will be void. It is the sole responsibility of the customer to determine that this item will work for
the application they are intending. MSD will accept no liability for custom applications.
Service
In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty.
When returning MSD components for warranty service,
Proof of Purchase must be supplied for verification. After
the warranty period has expired, repair service is based on a minimum and maximum fee.
All returns must have a Return Material Authorization (RMA) number issued to them before
being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or visit
our website at www.msdperformance.com/rma to automatically obtain a number and shipping information.
When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to include
a detailed account of any problems experienced, and what components and accessories are installed on the vehicle.
The repaired unit will be returned as soon as possible using Ground shipping methods (ground shipping is covered
by warranty). For more information, call MSD at (915) 855-7123. MSD technicians are available from 7:00 a.m. to
5:00 p.m. Monday - Friday (mountain time).
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
© 2014 MSD LLC
FRM28073
Revised 01/14
Printed in U.S.A.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com