Electronic Components Datasheet Search
  English  ▼

X  

6462 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6462
Description  MSD 6 Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6462 Datasheet(HTML) 1 Page - Mallory performance club

  6462 Datasheet HTML 1Page - Mallory performance club 6462 Datasheet HTML 2Page - Mallory performance club 6462 Datasheet HTML 3Page - Mallory performance club 6462 Datasheet HTML 4Page - Mallory performance club 6462 Datasheet HTML 5Page - Mallory performance club 6462 Datasheet HTML 6Page - Mallory performance club 6462 Datasheet HTML 7Page - Mallory performance club 6462 Datasheet HTML 8Page - Mallory performance club 6462 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MSD 6 Series
6A, PN 6200; 6AL, PN 6420; 6T, PN 6400;
6BTM, PN 6462; 6ALN, PN 6430
Parts Included:
1 - MSD 6 Series Ignition
1 - 100V/1A Diode
1 - Harness, PN 8860
4 - Wire Splicers
1 - Harness, PN 8861
2 - Wire Ties
1 - 18" Ground Wire
1 - Faston Receptacle
1 - White Jumper
2 - Faston Straight Terminals
1 - Red Jumper
4 - 45° Faston Terminals
6T, 6AL 6ALN, 6BTM, Only:
4 - #8 x 3/4" Screws
4 - Vibration Mounts and Hardware
2 - 10-32 x 1/2" Screws
4 - 10-32 Hex Nuts
6AL, 6ALN, Only:
6 - #10 Lock Washers
4 - RPM Modules, 3,000, 6,000, 7,000, 8,000
WARNING: During installation, disconnect the battery cables. When disconnecting the battery
always remove the Negative cable first and install it last.
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
Note: An MSD 6 Series cannot be used with distributorless ignition systems (DIS).
THEORY OF 6 SERIES IGNITION
CAPACITIVE DISCHARGE
The MSD 6 Series Ignitions feature a capacitive discharge ignition design. The majority of stock
ignition systems are inductive ignitions. In an inductive ignition, the coil must store and step up the
voltage to maximum strength in between each firing. At higher rpm, since there is less time to charge
the coil to full capacity, the voltage falls short of reaching maximum energy which results in a loss of
power or top end miss.
The MSD Ignition features a capacitor which is quickly charged (within one millisecond) with 460
- 480 volts and stores it until the ignition is triggered. With the CD design, the voltage sent to the coil
is always at full power even at high rpm.
MULTIPLE SPARKS
The MSD 6 Series produces full power multiple sparks for each firing of a plug. The number of
multiple sparks that occur decreases as rpm increases, however the spark series always lasts for 20°
of crankshaft rotation. Above 3,000 rpm there is simply not enough "time" to fire the spark plug more
than once, so there is only one powerful spark.
REV LIMITER
6AL, 6ALN, 6BTM: These ignitions are equipped with built-in Adjustable Soft Touch Rev Controls.
MSD Rev Limiters are adjustable with plug-in modules which are available in 100 rpm increments.
The Soft Touch circuitry provides a smooth and accurate rev limit by dropping the spark to individual
cylinders. The Soft Touch produces a load-free rev limit that is within 1% of the selected rpm.
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4


Similar Part No. - 6462

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6462 ALPHAWIRE-6462 Datasheet
70Kb / 3P
Customer Specification
logo
Clarke International
6462000 CLARKE-6462000 Datasheet
4Mb / 24P
82MM ELECTRIC PLANER
DL0621 - ISS 1
logo
Texas Instruments
6462011 TI1-6462011 Datasheet
3Mb / 68P
EEG Front-End Performance Demonstration Kit
logo
Clarke International
6462012 CLARKE-6462012 Datasheet
3Mb / 16P
RANDOM ORBITAL SANDER
GC 11/22 - Rev 2
6462019 CLARKE-6462019 Datasheet
4Mb / 24P
82MM ELECTRIC PLANER
DL0621 - ISS 1
More results

Similar Description - 6462

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6200 MALLORY-PN6200 Datasheet
1Mb / 24P
MSD 6 Series
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
MSD Digital 6 Plus Ignition Control
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN6632 MALLORY-PN6632 Datasheet
361Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN8423 MALLORY-PN8423 Datasheet
162Kb / 2P
MSD Rotor
PN29701 MALLORY-PN29701 Datasheet
2Mb / 4P
MSD Atomic EFI Coil Covers for LS1/6 Platforms
logo
PHOENIX CONTACT
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
Network cable - NBC-MSD/ 5,0-93K/MSD SCO
1408634 PHOENIX-1408634 Datasheet
693Kb / 24P
NBC-MSD-MSD SCO-PN/.../... - Network cable
1408706 PHOENIX-1408706 Datasheet
532Kb / 17P
NBC-MSD-MSD SCO/.../... - Network cable
1412177 PHOENIX-1412177 Datasheet
758Kb / 28P
NBC-MSD-MSD SCO RAIL/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com