Electronic Components Datasheet Search
  English  ▼

X  

6462 Datasheet(PDF) 3 Page - Mallory performance club

Part # 6462
Description  MSD 6 Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6462 Datasheet(HTML) 3 Page - Mallory performance club

  6462 Datasheet HTML 1Page - Mallory performance club 6462 Datasheet HTML 2Page - Mallory performance club 6462 Datasheet HTML 3Page - Mallory performance club 6462 Datasheet HTML 4Page - Mallory performance club 6462 Datasheet HTML 5Page - Mallory performance club 6462 Datasheet HTML 6Page - Mallory performance club 6462 Datasheet HTML 7Page - Mallory performance club 6462 Datasheet HTML 8Page - Mallory performance club 6462 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
INSTALLATION INSTRUCTIONS
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
Routing: Correct routing of the plug wires is also important to performance. Wires should be routed
away from sharp edges and engine heat sources. If there are two wires that are next to each other in
the engine's firing order, the wires should be routed away from each other to avoid inducing a spark
into the other wire. For example, in a Chevy V8, the firing order is 1-8-4-3-6-
5-7-2. The #5 and #7
cylinders are next to each other in the engine and in the firing order. If the voltage from the #5 wire
is induced into #7 detonation could occur and cause engine damage.
To add more heat protection to your plug wires, MSD offers Pro-Heat Guard, PN 3411. This is a glass
woven and silicone coated protective sleeve that you slide over your plug wires. For extra protection
of the spark plug boots, MSD offers Pro-Heat Boot Guard, PN 3412.
Spark Plugs: Choosing the correct spark plug design and heat range is important when trying to get
the best performance possible. Since there are so many engine combinations and manufacturers,
MSD does not recommend which plug or gap is exactly right for your application.
It is recommended to follow the engine builder or manufacturer's specification for spark plugs. With
that, you can then experiment with the plug gap to obtain the best performance. The gap of the plugs
can be opened in 0.005" increments, then tested until the best performance is obtained. MSD judges
the plug gap by compression and components:
MISCELLANEOUS INFORMATION
Sealing: Do not attempt to seal the MSD. All of the circuits of an MSD receive a thick conformal
coating of Humi-Seal. This sealant protects the electronics from moisture. If you were to seal the
unit, any moisture or water that may seep in through the wiring grommets will not be able to drain
and may result in corrosion.
Welding: If you are welding on your vehicle, to avoid the chance of damage, always disconnect both
Heavy Power cables of the MSD (You should also disconnect the tach ground wire too).
Distributor Cap and Rotor: It is recommended to install a new distributor cap and rotor when installing
the MSD Ignition Control. The cap should be clean inside and out especially the terminals and rotor tip.
On vehicles with smaller caps, it is possible for the air inside the cap to become electrically charged
causing crossfire which can result in misfire. This can be prevented by drilling a couple vent holes in
the cap. The holes should be placed between the terminals, at rotor height and face away from the
intake. If your environment demands it, place a small piece of screen over the hole to act as a filter.
Initial Spark: It is normal, yet not very common, for the MSD to produce a spark when the ignition
key is turned On. This is due to the capacitor being charged and if the pickup is in the right position, it
could trigger the ignition momentarily. This could also occur when installing the positive battery cable.
These examples are just starting
points to get you going in the right
direction. Every application is different
and should be tested and tuned.
Compression
Spark Plug Gap
Up to 10.5:1:
0.050" - 0.060"
10.5:1 - 13.0:1:
0.040" - 0.050"
Above 13.0:1:
0.035" - 0.045"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com