Electronic Components Datasheet Search
  English  ▼

X  

8140MSD Datasheet(PDF) 4 Page - Mallory performance club

Part # 8140MSD
Description  MSD 44 Amp Pro Mag Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8140MSD Datasheet(HTML) 4 Page - Mallory performance club

  8140MSD Datasheet HTML 1Page - Mallory performance club 8140MSD Datasheet HTML 2Page - Mallory performance club 8140MSD Datasheet HTML 3Page - Mallory performance club 8140MSD Datasheet HTML 4Page - Mallory performance club 8140MSD Datasheet HTML 5Page - Mallory performance club 8140MSD Datasheet HTML 6Page - Mallory performance club 8140MSD Datasheet HTML 7Page - Mallory performance club 8140MSD Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
USER INFORMATION
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
GENERATOR SUPPORT
In some applications it is recommended that a generator support bracket be fabricated. Due to the
variety of mounting applications, MSD does not offer a single mag bracket. For applications using
two Pro Mags it is recommended to use the Dual Mag Stabilizer Bracket, PN 301821-0004 from RCD
Engineering, wwwRCDengineering.com.
Note that the connectors have numbered terminals. Match the color wire with the position as follows:
12 and 20 Amp
44 Amp
#1 Violet
#2 Green
#4 Yellow
#3 Black
#1 Violet
#2 Green
#4 Red
#3 Black
WIRING AND CONNECTORS
MSD uses Deutsch connectors with the Pro Mag. These connectors should be inspected due to
frequent disconnecting. Lightly pulling on the wires near the connector will make certain they have
not worked loose. The connectors can be disassembled as follows:
1. Remove the orange wedge lock with a small flat blade screwdriver.
2. Pry the spring lock back to unlock the wire, and pull it through.
3. Inspect the wire crimps and reassemble.
12 and 20 Amp Mag Connector.
44 Amp Mag Connector.
For more information on connectors, check out Tech Tips at www.msdpromag.com.
MSD offers a special kit consisting of connectors used with the ProMag 44. The kit PN 8124 is de-
signed for field repairs.
TO GROUND
ON CYLINDER
HEAD
BLACK
RED
IGNITION
TM
CHASSIS
GROUND
GMR PICKUP
NOTE: The brass screw must be used for proper operation.
PRIMARY COIL (+) WIRE OR
DIESEL INJECTOR 12 VOLT WIRE
WASHER MUST BE ON TOP OF METAL TAB
METAL TAB
BLACK
GROUND
GMR PICKUP
RED
GREEN
SWITCHED
12 VOLT
SIGNAL
OUTPUT
TO RPM +12V SQ WAVE DEVICE
PN 8918
Figure 5 GMR to PN 8963 Shift Light on Pro Mag 44 Electronic Points Box.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com