Electronic Components Datasheet Search
  English  ▼

X  

8140MSD Datasheet(PDF) 2 Page - Mallory performance club

Part # 8140MSD
Description  MSD 44 Amp Pro Mag Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8140MSD Datasheet(HTML) 2 Page - Mallory performance club

  8140MSD Datasheet HTML 1Page - Mallory performance club 8140MSD Datasheet HTML 2Page - Mallory performance club 8140MSD Datasheet HTML 3Page - Mallory performance club 8140MSD Datasheet HTML 4Page - Mallory performance club 8140MSD Datasheet HTML 5Page - Mallory performance club 8140MSD Datasheet HTML 6Page - Mallory performance club 8140MSD Datasheet HTML 7Page - Mallory performance club 8140MSD Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
USER INFORMATION
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
CAP-A-DAPTS
When space permits, upgrading to a larger diameter magneto
cap can add extra protection against spark scatter and crossfire.
MSD offers a Cap-A-Dapt for each style Pro Mag. Each kit is sup-
plied with everything required to install the new, large cap and
rotor assembly.
Pro-Cap, PN 7455 (5" cap)
The largest cap and rotor available plus the entire assembly is
molded from strong Rynite material. Designed for MSD generators
with a four inch diameter (Figure 2).
Figure 2 Pro-Cap for Pro Mags, PN 7455.
CROSS DRIVES
Band Clamp style Pro Mag generators are equipped with cross drives due to their strength but
existing two and four pin drives will interchange. If the drive is replaced it is recommended to replace
the lock nut. Also use Blue Loctite and torque to 20 lbs-ft. Check out TechTips at www.msdpromag.
com for more information.
CRANKING RPM
MSD Pro Mags require a minimum generator speed of 200-250 RPM to start (at the crank). If a block
mounted starter is used a 16 volt battery will be required to produce reliable starting rpm. Blower
Pulley starters may require 48 volts on Alcohol applications due to pulley drive ratios. On these ap-
plications, a jumber wire should be connected across the coil terminals. Once the engine reaches
the required RPM this jumper should be pulled quickly from the terminals. MSD offers High Speed
Block mounted starters for various applications.
SPARK PLUG WIRES
MSD only recommends using our 8.5mm Super Conductor spark plug wire. This wire features
a copper-alloy conductor with a low resistance of 40 - 50 ohms per foot. The core and winding of
the conductor produce a highly effective Electro Magnetic Interference (EMI) choke so it also has
extremely high EMI suppression capabilities.
Your spark plug wires should be inspected for cuts, abrasions, resistance and continuity. It should
be noted that spark plug wire is a maintenance item of the ignition system and should be replaced
at least three times per season. Note that the coil wire should be replaced more frequently than the
entire wire set due to handling eight times the energy.
To ensure a quality crimp when building spark plug wire sets, use the MSD Pro Crimp Tool, PN 35051.
This Crimp Tool is supplied with the correct crimp dies for the 8.5mm Wire with MSD Dual Crimp Ter-
minals. The dies are also replaceable, PN 3508.
DynaForce High Speed Starters:
Ford 289, 302, 351W
- PN 50902
Ford BB 351M, 400, 429 -
PN 50922
Chevy 10 Pitch/139 Tooth -
PN 50953
Chevy 153/168 Tooth, Pro Mag
- PN 50952
(Pefect for applications with magnetos that require 250+ rpm to start.)
Chevy 318 - 440 -
PN 50982



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com