Electronic Components Datasheet Search
  English  ▼

X  

62152 Datasheet(PDF) 13 Page - Mallory performance club

Part # 62152
Description  MSD DIS-2 Plus Ignition
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

62152 Datasheet(HTML) 13 Page - Mallory performance club

Back Button 62152 Datasheet HTML 8Page - Mallory performance club 62152 Datasheet HTML 9Page - Mallory performance club 62152 Datasheet HTML 10Page - Mallory performance club 62152 Datasheet HTML 11Page - Mallory performance club 62152 Datasheet HTML 12Page - Mallory performance club 62152 Datasheet HTML 13Page - Mallory performance club 62152 Datasheet HTML 14Page - Mallory performance club 62152 Datasheet HTML 15Page - Mallory performance club 62152 Datasheet HTML 16Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
INSTALLATION INSTRUCTIONS
13
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
IGNITION ADAPTERS
If your vehicle does not operate correctly or if you experience a no-run situation you probably need an
MSD Ignition Adapter.
Some vehicles with electronic fuel injection systems may require an MSD Ignition Adapter to run properly.
This is because many of these systems use the same trigger source to operate the MSD, the tachometer
and the fuel injection. This results in a voltage signal that is too low to accurately trigger the fuel injection.
If your vehicle’s engine starts and then shuts off after a short period of time or the check engine light turns
on then your vehicle will require an Ignition Adapter. An MSD Ignition Adapter, PN 8912, PN 89121 or PN
8917 will usually remedy the problem.
The chart below lists most of the vehicles that require an Ignition Adapter. It is very important that the
Adapter(s) be installed at the same time that the DIS Ignition is installed to prevent activation of the check
engine light. On OBD II equipped vehicles resetting of the check engine light requires special computer
diagnostic equipment. On vehicles not listed install the DIS Ignition before purchasing the Adapter, to see
if the ignition will operate properly without the Adapter(s).
INSTALLING THE PN 8912 IGNITION ADAPTER
The number of adapters required is determined by the number of cylinders on the engine. Four cylinder
engines will require one Adapter, 6 and 8 - cylinders require two. Attach the PN 8912 Adapter as shown
in Figure 14.
If you still experience problems after installing the adapters, call the MSD Customer Service Department
for further instruction.
VEHICLE
ADAPTER
QTY REQUIRED
Mitsubishi Eclipse, Galant, Mirage, Montero, Precis, Expo
8912
1
Eagle Talon, Summit
8912
1
Dodge Avenger, Neon, Stratus, Caravan
8912
1
2003-On
8917
Chrysler Sebring, Cirrus
8912
1
Plymouth Breeze, Voyager, Acclaim, Colt, Sundance, Laser
8912
1
Ford V8 Coil-Per-Cylinder Ignitions, '99-On
89121
4
(Two DIS-4 Ignitions are required)
Ford V8 Coil Pack Ignitions, '96-'98
8912
2
NOTE: Saturn will require one Cam Sync Adapter, PN 8914.
WARNING: The MSD Digital DIS Series Ignitions are capacitive discharge ignitions. High voltage is
present at the coil primary terminals. Do not touch the coil or connect test equipment
to the terminals.
PRESTART CHECK LIST
• Theonlywiresconnectedtothecoilnegative(-)terminals/wiresaretheMSDBrown/White,Brown/
Green, Brown/Yellow, Brown/Violet.
• Theonlywireconnectedtothecoilpositive(+)terminals/wiresistheMSDBrown/Orange.
• Theonlywiresconnectedtothefactoryharnesswires(triggerinput)aretheMSDWhite,Green,
Yellow, Violet.
• ThesmallRedwireoftheMSDisconnectedtoaswitched12voltsource(factoryharness).
• IfusingaMSDDigitalDISIgnitionona4-cylinderengineequippedwithsinglecoilspercylinder,
the firing cycle select must be programmed for no wastespark (720° firing S4 - Off).
• TheMSDpowerleadsareconnecteddirectlytothebatterypositiveandnegativeterminals.
• Thebatteryisconnectedandfullychargedifnotusinganalternator.
• Theengineisequippedwithatleastonegroundstraptothechassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com