Electronic Components Datasheet Search
  English  ▼

X  

62152 Datasheet(PDF) 14 Page - Mallory performance club

Part # 62152
Description  MSD DIS-2 Plus Ignition
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

62152 Datasheet(HTML) 14 Page - Mallory performance club

Back Button 62152 Datasheet HTML 8Page - Mallory performance club 62152 Datasheet HTML 9Page - Mallory performance club 62152 Datasheet HTML 10Page - Mallory performance club 62152 Datasheet HTML 11Page - Mallory performance club 62152 Datasheet HTML 12Page - Mallory performance club 62152 Datasheet HTML 13Page - Mallory performance club 62152 Datasheet HTML 14Page - Mallory performance club 62152 Datasheet HTML 15Page - Mallory performance club 62152 Datasheet HTML 16Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
TROUBLESHOOTING
Every MSD Digital DIS Ignition undergoes numerous quality control checks including a four hour
burn-in test. If you experience a problem with your MSD, our research has shown that the majority of
problems are due to improper installation or poor connections.
The Troubleshooting section has several checks and tests you can perform to ensure proper installation
and operation of the MSD. If you have any questions concerning your MSD, call our Customer Service
Department at (915) 855-7123, Monday - Friday, 7am to 6pm mountain time.
MISSES AND INTERMITTENT PROBLEMS
Generally, a miss or hesitation at higher rpm is usually not caused by the ignition. Most probable causes
include a coil or plug wire failure, arcing from the plug boot to ground. Several areas to inspect are:
• Alwaysinspecttheplugwiresatthecoilandattheplugforatightconnectionandvisuallyinspect
for cuts, abrasions or burns.
• Inspectthepositive(+)andnegative(-)coilterminal/wireconnections.BecausetheMSDisa
Capacitive Discharge ignition and it receives a direct 12 volt source directly from the battery, there
will
not be voltage at the coil positive (+) terminal with the key turned On. During cranking or
while the engine is running, very high voltage will be present at the coil.
Do not connect any test
equipment to the coil positive (+) or negative (-) terminals/wires.
WARNING: Do not touch the coil terminals during cranking or while the engine is running.
• Makesurethatthebatteryisfullychargedandtheconnectionsarecleanandtight.Ifyouarenot
running an alternator this is an essential check.
Figure 14 MSD DIS-2 IGNITION WITH IGNITION ADAPTER, PN 8912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com