Electronic Components Datasheet Search
  English  ▼

X  

LM5000SD-3EP Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000SD-3EP
Description  High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000SD-3EP Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5000SD-3EP Datasheet HTML 6Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 7Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 8Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 9Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 10Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 11Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 12Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 13Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Block Diagram
20098303
Boost Regulator Operation
The LM5000EP utilizes a PWM control scheme to regulate
the output voltage over all load conditions. The operation
can best be understood referring to the block diagram and
Figure 3. At the start of each cycle, the oscillator sets the
driver logic and turns on the NMOS power device conducting
current through the inductor, cycle 1 of Figure 3 (a). During
this cycle, the voltage at the COMP pin controls the peak
inductor current. The COMP voltage will increase with larger
loads and decrease with smaller. This voltage is compared
with the summation of the SW volatge and the ramp com-
pensation.The ramp compensation is used in PWM architec-
tures to eliminate the sub-harmonic oscillations that occur
during duty cycles greater than 50%. Once the summation of
the ramp compensation and switch voltage equals the
COMP voltage, the PWM comparator resets the driver logic
turning off the NMOS power device. The inductor current
then flows through the output diode to the load and output
capacitor, cycle 2 of Figure 3 (b). The NMOS power device is
then set by the oscillator at the end of the period and current
flows through the inductor once again.
The LM5000EP has dedicated protection circuitry running
during the normal operation to protect the IC. The Thermal
Shutdown circuitry turns off the NMOS power device when
the die temperature reaches excessive levels. The UVP
comparator protects the NMOS power device during supply
power startup and shutdown to prevent operation at voltages
less than the minimum input voltage. The OVP comparator is
used to prevent the output voltage from rising at no loads
allowing full PWM operation over all load conditions. The
LM5000EP also features a shutdown mode. An external
capacitor sets the softstart time by limiting the error amp
output range, as the capacitor charges up via an internal
10µA current source.
The LM5000EP is available in two operating frequency
ranges. The LM5000-3EP is pin selectable for either 300kHz
(FS Grounded) or 700kHz (FS Open). The LM5000-6EP is
pin selectable for either 600kHz (FS Grounded) or 1.3MHz
(FS Open)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com