Electronic Components Datasheet Search
  English  ▼

X  

LM5000SD-3EP Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000SD-3EP
Description  High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000SD-3EP Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5000SD-3EP Datasheet HTML 8Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 9Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 10Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 11Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 12Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 13Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 14Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 15Page - National Semiconductor (TI) LM5000SD-3EP Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Operation (Continued)
The LM5000EP is a current mode PWM regulator. The signal
flow of this control scheme has two feedback loops, one that
senses switch current and one that senses output voltage.
To keep a current programmed control converter stable
above duty cycles of 50%, the inductor must meet certain
criteria. The inductor, along with input and output voltage,
will determine the slope of the current through the inductor
(see Figure 4 (a)). If the slope of the inductor current is too
great, the circuit will be unstable above duty cycles of 50%.
The LM5000EP provides a compensation pin (COMP) to
customize the voltage loop feedback. It is recommended that
a series combination of R
C and CC be used for the compen-
sation network, as shown in Figure 1. The series combina-
tion of R
C and CC introduces pole-zero pair according to the
following equations:
where R
O is the output impedance of the error amplifier,
850k
Ω. For most applications, performance can be opti-
mized by choosing values within the range 5k
Ω≤ R
C
≤ 20kΩ
and 680pF
≤ C
C
≤ 4.7nF.
COMPENSATION
This section will present a general design procedure to help
insure a stable and operational circuit. The designs in this
datasheet are optimized for particular requirements. If differ-
ent conversions are required, some of the components may
need to be changed to ensure stability. Below is a set of
general guidelines in designing a stable circuit for continu-
ous conduction operation (loads greater than 100mA), in
most all cases this will provide for stability during discontinu-
ous operation as well. The power components and their
effects will be determined first, then the compensation com-
ponents will be chosen to produce stability.
INDUCTOR SELECTION
To ensure stability at duty cycles above 50%, the inductor
must have some minimum value determined by the mini-
mum input voltage and the maximum output voltage. This
equation is:
where fs is the switching frequency, D is the duty cycle, and
R
DSON is the ON resistance of the internal switch. This
equation is only good for duty cycles greater than 50%
(D>0.5).
The inductor ripple current is important for a few reasons.
One reason is because the peak switch current will be the
average inductor current (input current) plus
∆i
L. Care must
be taken to make sure that the switch will not reach its
current limit during normal operation. The inductor must also
be sized accordingly. It should have a saturation current
rating higher than the peak inductor current expected. The
output voltage ripple is also affected by the total ripple cur-
rent.
DC GAIN AND OPEN-LOOP GAIN
Since the control stage of the converter forms a complete
feedback loop with the power components, it forms a closed-
loop system that must be stabilized to avoid positive feed-
back and instability. A value for open-loop DC gain will be
required, from which you can calculate, or place, poles and
zeros to determine the crossover frequency and the phase
margin. A high phase margin (greater than 45˚) is desired for
the best stability and transient response. For the purpose of
stabilizing the LM5000EP, choosing a crossover point well
below where the right half plane zero is located will ensure
sufficient phase margin. A discussion of the right half plane
zero and checking the crossover using the DC gain will
follow.
OUTPUT CAPACITOR SELECTION
The choice of output capacitors is somewhat more arbitrary.
It is recommended that low ESR (Equivalent Series Resis-
tance, denoted R
ESR) capacitors be used such as ceramic,
polymer electrolytic, or low ESR tantalum. Higher ESR ca-
pacitors may be used but will require more compensation
which will be explained later on in the section. The ESR is
also important because it determines the output voltage
ripple according to the approximate equation:
∆V
OUT
) 2
∆i
LRESR (in Volts)
After choosing the output capacitor you can determine a
pole-zero pair introduced into the control loop by the follow-
ing equations:
Where R
L is the minimum load resistance corresponding to
the maximum load current. The zero created by the ESR of
the output capacitor is generally very high frequency if the
ESR is small. If low ESR capacitors are used it can be
neglected. If higher ESR capacitors are used see the High
Output Capacitor ESR Compensation section.
RIGHT HALF PLANE ZERO
A current mode control boost regulator has an inherent right
half plane zero (RHP zero). This zero has the effect of a zero
in the gain plot, causing an imposed +20dB/decade on the
rolloff, but has the effect of a pole in the phase, subtracting
another 90˚ in the phase plot. This can cause undesirable
effects if the control loop is influenced by this zero. To ensure
the RHP zero does not cause instability issues, the control
loop should be designed to have a bandwidth of 1⁄2 the
frequency of the RHP zero or less. This zero occurs at a
frequency of:
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com