Electronic Components Datasheet Search
  English  ▼

X  

TMS27C040 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS27C040
Description  PROGRAMMABLE READ-ONLY MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 2 Page - Texas Instruments

  TMS27C040 Datasheet HTML 1Page - Texas Instruments TMS27C040 Datasheet HTML 2Page - Texas Instruments TMS27C040 Datasheet HTML 3Page - Texas Instruments TMS27C040 Datasheet HTML 4Page - Texas Instruments TMS27C040 Datasheet HTML 5Page - Texas Instruments TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMS27C040 524288 BY 8-BIT UV ERASABLE
TMS27PC040 524288 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORY
SMLS040F – NOVEMBER 1990 – REVISED SEPTEMBER 1997
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
The data outputs are 3-state for connecting multiple devices to a common bus
The TMS27C040 is offered in a 600-mil ceramic dual-in-line package (J suffix). The TMS27C040 is offered with
two choices of temperature ranges of 0
°C to 70°C (JL suffix) and – 40°C to 85°C (JE suffix). (See Table 1.)
The TMS27PC040 is offered in a 32-lead plastic leaded chip carrier package ( FM suffix). The TMS27PC040
is offered with two choices of temperature ranges of 0
°C to 70°C (JL suffix) and –40°C to 85°C (JE suffix).
Table 1. Temperature Range Suffixes
FUNCTION
SUFFIX FOR OPERATING
FREE-AIR TEMPERATURE
RANGES
0
°C to 70°C
– 40
°C to 85°C
TMS27C040-XXX
JL
JE
TMS27PC040-XXX
FML
FME
These EPROMs and PROMS operate from a single 5-V supply ( in the read mode), and they are ideal for use
in microprocessor-based systems. One other (13 V) supply is needed for programming. All programming
signals are TTL level. For programming outside the system, existing EPROM programmers can be used.
operation
The seven modes of operation are listed in Table 2. The read mode requires a single 5-V supply. All inputs are
TTL level except for VPP during programming (13 V), and VH (12 V) on A9 for the signature mode.
Table 2. Operation Modes
MODE
FUNCTION †
MODE
E
G
VPP
VCC
A9
A0
DQ0 – DQ7
Read
VIL
VIL
X
VCC
X
X
Data Out
Output Disable
VIL
VIH
VCC
VCC
X
X
Hi-Z
Standby
VIH
X
VCC
VCC
X
X
Hi-Z
Programming
VIL
VIH
VPP
VCC
X
X
Data In
Program Inhibit
VIH
VIH
VPP
VCC
X
X
Hi-Z
Verify
VIH
VIL
VPP
VCC
X
X
Data Out
Signature Mode
VIL
VIL
VCC
VCC
V ‡
VIL
MFG Code 97
Signature Mode
VIL
VIL
VCC
VCC
VH ‡
VIH
Device Code 50
† X can be VIL or VIH
‡ VH = 12 V ± 0.5 V
read / output disable
When the outputs of two or more TMS27C040s or TMS27PC040s are connected in parallel on the same bus,
the output of any particular device in the circuit can be read with no interference from competing outputs of the
other devices. To read the output of a single device, a low level signal is applied to the E and G pins. All other
devices in the circuit should have their outputs disabled by applying a high level signal to one of these pins.
latchup immunity
Latchup immunity on the TMS27C040 and TMS27PC040 is a minimum of 250 mA on all inputs and outputs.
This feature provides latchup immunity beyond any potential transients at the P.C. board level when the EPROM
is interfaced to industry standard TTL or MOS logic devices. The input / output layout approach controls latchup
without compromising performance or packing density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com