Electronic Components Datasheet Search
  English  ▼

X  

ACS8520 Datasheet(PDF) 44 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button ACS8520 Datasheet HTML 40Page - Semtech Corporation ACS8520 Datasheet HTML 41Page - Semtech Corporation ACS8520 Datasheet HTML 42Page - Semtech Corporation ACS8520 Datasheet HTML 43Page - Semtech Corporation ACS8520 Datasheet HTML 44Page - Semtech Corporation ACS8520 Datasheet HTML 45Page - Semtech Corporation ACS8520 Datasheet HTML 46Page - Semtech Corporation ACS8520 Datasheet HTML 47Page - Semtech Corporation ACS8520 Datasheet HTML 48Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/October 2003 © Semtech Corp.
Page 44
www.semtech.com
ACS8520 SETS
Motorola Mode
In MOTOROLA mode, the device is configured to interface with a microprocessor using a 680x0 type bus as parallel
data + address. Figure 13 and Figure 14 show the timing diagrams of read and write accesses for this mode.
Figure 13 Read Access Timing in MOTOROLA Mode
Table 21 Read Access Timing in MOTOROLA Mode (for use with Figure 13)
Symbol
Parameter
MIN
TYP
MAX
tsu1
Setup A valid to CSBfalling edge
4 ns
-
-
tsu2
Setup WRB valid to CSBfalling edge
0 ns
-
-
td1
Delay CSBfalling edge to AD valid (consecutive Read - Read)
12 ns
-
40 ns
Delay CSBfalling edge to AD valid (consecutive Write - Read)
16 ns
-
192 ns
td2
Delay CSBfalling edge to DTACKrising edge
-
-
13 ns
td3
Delay CSBrising edge to AD high-Z
-
-
10 ns
td4
Delay CSBrising edge to RDY high-Z
-
-
9 ns
tpw1
CSB Low time (consecutive Read - Read)
25 ns
62 ns
-
CSB Low time (consecutive Write - Read)
25 ns
193 ns
-
tpw2
RDY High time (consecutive Read - Read)
12 ns
-
49 ns
RDY High time (consecutive Write - Read)
12 ns
-
182 ns
th1
Hold A valid after CSBrising edge
0 ns
-
-
th2
Hold WRB valid after CSBrising edge
0 ns
-
-
th3
Hold CSB Low after RDYfalling edge
0 ns
-
-
tp
Time between (consecutive Read - Read) accesses (CSBrising edge to
CSBfalling edge)
15 ns
-
-
tp
Time between (consecutive Write - Read) accesses (CSBrising edge to
CSBfalling edge)
160 ns
-
-
F8110D_007ReadAccMotor_01
CSB
WRB
A
AD
RDY
(DTACK)
X
X
address
Z
Z
X
X
Z
tpw1
tsu2
tsu1
td1
td2
th1
th2
tpw2
th3
td4
td3
data
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com