Electronic Components Datasheet Search
  English  ▼

X  

ACS8520 Datasheet(PDF) 70 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 70 Page - Semtech Corporation

Back Button ACS8520 Datasheet HTML 66Page - Semtech Corporation ACS8520 Datasheet HTML 67Page - Semtech Corporation ACS8520 Datasheet HTML 68Page - Semtech Corporation ACS8520 Datasheet HTML 69Page - Semtech Corporation ACS8520 Datasheet HTML 70Page - Semtech Corporation ACS8520 Datasheet HTML 71Page - Semtech Corporation ACS8520 Datasheet HTML 72Page - Semtech Corporation ACS8520 Datasheet HTML 73Page - Semtech Corporation ACS8520 Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/October 2003 © Semtech Corp.
Page 70
www.semtech.com
ACS8520 SETS
Address (hex):
10
Register Name sts_reference_sources
Input pairs (1 & 2)
Description
(RO except for test when R/W)
Reports any alarms active on
inputs.
Default Value
0110 0110
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2
Bit 1Bit 0
Address 10: Status of I2 Input
Address 11: Status of I4 Input
Address 12: Status of I6 Input
Address 13: Status of I8 Input
Address 14: Status of I10 Input
Address 15: Status of I12 Input
Address 16: Status of I14 Input
Address 10: Status of I1 Input
Address 11: Status of I3 Input
Address 12: Status of I5 Input
Address 13: Status of I7 Input
Address 14: Status of I9 Input
Address 15: Status of I11 Input
Address 16: Status of I13 Input
Bit No.
Description
Bit Value
Value Description
7 & 3
Out-of-band alarm (soft)
Soft out of band alarm bit for input. A “soft” alarm
will not invalidate an input.
0
1
No alarm.
Alarm armed. Alarm thresholds (range) set by
Reg. 49, or by Reg. 4A, Bits [7:4] if the input is
currently selected.
6 & 2
Out-of-band alarm (hard)
Hard out of band alarm bit for input. A “hard” alarm
will invalidate an input.
0
1
No alarm.
Alarm armed. Alarm thresholds set by Reg. 49 Bits
[3:0], or by Reg. 4A Bits [3:0] if the input is currently
selected.
5 & 1
No activity alarm
Alarm indication from the activity monitors.
0
1
No alarm.
Input has an active no activity alarm.
4 & 0
Phase lock alarm
If the DPLL can not indicate that it is phase locked
onto the current source within 100 seconds this
alarm will be raised.
0
1
No alarm.
Phase lock alarm.
Address (hex):
11
As Reg. 10, but for sts_reference_sources, Input pairs (3 & 4)
Address (hex):
12
As Reg. 10, but for sts_reference_sources, Input pairs (5 & 6)
Address (hex):
13
As Reg. 10, but for sts_reference_sources, Input pairs (7 & 8)
Address (hex):
14
As Reg. 10, but for sts_reference_sources, Input pairs (9 & 10)
Address (hex):
15
As Reg. 10, but for sts_reference_sources, Input pairs (11 & 12)
Address (hex):
16
As Reg. 10, but for sts_reference_sources, Input pairs (13 & 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com