Electronic Components Datasheet Search
  English  ▼

X  

LM611 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM611 Datasheet HTML 1Page - National Semiconductor (TI) LM611 Datasheet HTML 2Page - National Semiconductor (TI) LM611 Datasheet HTML 3Page - National Semiconductor (TI) LM611 Datasheet HTML 4Page - National Semiconductor (TI) LM611 Datasheet HTML 5Page - National Semiconductor (TI) LM611 Datasheet HTML 6Page - National Semiconductor (TI) LM611 Datasheet HTML 7Page - National Semiconductor (TI) LM611 Datasheet HTML 8Page - National Semiconductor (TI) LM611 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM611
Operational Amplifier and Adjustable Reference
General Description
The LM611 consists of a single-supply op-amp and a pro-
grammable voltage reference in one space saving 8-pin
package. The op-amp out-performs most single-supply
op-amps by providing higher speed and bandwidth along
with low supply current. This device was specifically de-
signed to lower cost and board space requirements in trans-
ducer, test, measurement and data acquisition systems.
Combining a stable voltage reference with a wide output
swing op-amp makes the LM611 ideal for single supply
transducers, signal conditioning and bridge driving where
large common-mode signals are common. The voltage refer-
ence consists of a reliable band-gap design that maintains
low dynamic output impedance (1
Ω typical), excellent initial
tolerance (0.6%), and the ability to be programmed from
1.2V to 6.3V via two external resistors. The voltage refer-
ence is very stable even when driving large capacitive loads,
as are commonly encountered in CMOS data acquisition
systems.
As a member of National’s Super-Block™ family, the LM611
is a space-saving monolithic alternative to a multi-chip solu-
tion, offering a high level of integration without sacrificing
performance.
Features
OP AMP
n Low operating current:
300 µA (op amp)
n Wide supply voltage range:
4V to 36V
n Wide common-mode range:
V
− to (V+−1.8V)
n Wide differential input voltage:
±36V
n Available in low cost 8-pin DIP
n Available in plastic package rated for Military
Temperature Range Operation
REFERENCE
n Adjustable output voltage:
1.2V to 6.3V
n Tight initial tolerance available:
±0.6%
n Wide operating current range:
17 µA to 20 mA
n Reference floats above ground
n Tolerant of load capacitance
Applications
n Transducer bridge driver
n Process and Mass Flow Control systems
n Power supply voltage monitor
n Buffered voltage references for A/D’s
Connection Diagrams
Super-Block™ is a trademark of National Semiconductor Corporation.
DS009221-1
DS009221-2
May 1998
© 1999 National Semiconductor Corporation
DS009221
www.national.com


Similar Part No. - LM611

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM611 SEOUL-LM611 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM611 SEOUL-LM611 Datasheet
360Kb / 13P
CYAN LAMP LED
LM611 SEOUL-LM611 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM611 SEOUL-LM611 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM611 SEOUL-LM611 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
Quad Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Texas Instruments
LM611IMX TI1-LM611IMX Datasheet
1Mb / 28P
LM611 Operational Amplifier and Adjustable Reference
LM611IMX TI-LM611IMX Datasheet
1Mb / 28P
LM611 Operational Amplifier and Adjustable Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
National Semiconductor ...
LM614 NSC-LM614_14 Datasheet
1Mb / 28P
LM614 Quad Operational Amplifier and Adjustable Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM614 TI1-LM614 Datasheet
1Mb / 26P
Quad Operational Amplifier and Adjustable Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com