Electronic Components Datasheet Search
  English  ▼

X  

LM611 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM611 Datasheet HTML 6Page - National Semiconductor (TI) LM611 Datasheet HTML 7Page - National Semiconductor (TI) LM611 Datasheet HTML 8Page - National Semiconductor (TI) LM611 Datasheet HTML 9Page - National Semiconductor (TI) LM611 Datasheet HTML 10Page - National Semiconductor (TI) LM611 Datasheet HTML 11Page - National Semiconductor (TI) LM611 Datasheet HTML 12Page - National Semiconductor (TI) LM611 Datasheet HTML 13Page - National Semiconductor (TI) LM611 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Distributions
Application Information
VOLTAGE REFERENCE
Reference Biasing
The voltage reference is of a shunt regulator topology that
models as a simple zener diode. With current I
r flowing in the
‘forward’ direction there is the familiar diode transfer func-
tion. I
r flowing in the reverse direction forces the reference
voltage to be developed from cathode to anode. The applied
voltage to the cathode may range from a diode drop below
V
− to the reference voltage or to the avalanche voltage of the
parallel protection diode, nominally 7V. A 6.3V reference with
V+ = 3V is allowed.
Average V
OS Drift
Military Temperature Range
DS009221-74
Average V
OS Drift
Industrial Temperature Range
DS009221-75
Average V
OS Drift
Commercial Temperature
Range
DS009221-76
Average I
OS Drift
Military Temperature Range
DS009221-77
Average I
OS Drift
Industrial Temperature Range
DS009221-78
Average I
OS Drift
Commercial Temperature Range
DS009221-79
Voltage Reference Broad-Band
Noise Distribution
DS009221-80
Op Amp Voltage
Noise Distribution
DS009221-81
Op Amp Current
Noise Distribution
DS009221-82
DS009221-14
FIGURE 1. Voltages Associated with Reference
(Current Source I
r is External)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com