Electronic Components Datasheet Search
  English  ▼

X  

TSL267 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSL267
Description  HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL267 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSL267 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSL267
HIGHSENSITIVITY
IR LIGHT TOVOLTAGE CONVERTER
TAOS033 – OCTOBER 2001
3
www.taosinc.com
t
t
Copyright
E 2001, TAOS Inc.
Switching Characteristics at VDD = 5 V, TA = 25°C, λp = 940 nm, RL = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output pulse rise time, 10% to 90% of final value
See Note 7 and Figure 1
160
250
µs
tf
Output pulse fall time, 10% to 90% of final value
See Note 7 and Figure 1
150
250
µs
ts
Output settling time to 1% of final value
See Note 7 and Figure 1
330
µs
Integrated noise voltage
f = dc to 1 kHz
Ee = 0
200
µVrms
f = 10 Hz
Ee = 0
6
Vn
Output noise voltage, rms
f = 100 Hz
Ee = 0
6
µV/√Hz rms
n
g,
f = 1 kHz
Ee = 0
7
µ √
NOTE 7: Switching characteristics apply over the range VO = 0.1 V to 4.5 V.
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note B)
tr
TSL267
RL
VDD
2
1
3
+
–
Output
Pulse
Generator
LED
(see Note A)
tf
90%
10%
NOTES: A. The input irradiance is supplied by a pulsed GaAs light-emitting diode with peak wavelength:
λp = 940 nm,
tr < 1 µs, tf < 1 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MΩ, Ci ≤ 20 pF.
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com