Electronic Components Datasheet Search
  English  ▼

X  

TSL267 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL267
Description  HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL267 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL267 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL267 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSL267
HIGHSENSITIVITY
IR LIGHT TOVOLTAGE CONVERTER
TAOS033 – OCTOBER 2001
2
www.taosinc.com
t
t
Copyright
E 2001, TAOS Inc.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 940 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 2, 3, and 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
15
mV
V
Maximum output voltage swing
VDD = 4.5 V,
No Load
4.49
V
VOM
Maximum output voltage swing
VDD = 4.5 V,
RL = 10 kΩ
4
4.2
V
VO
Output voltage
Ee = 4.4 µW/cm2
1.2
2
2.8
V
αVD
Temperature coefficient of dark voltage (VD)
TA = 0°C to 70°C
–15
µV/°C
Ne
Irradiance responsivity
See Note 5
0.45
V/(
µW/cm2)
PSRR
Power supply rejection ratio
fac = 100 Hz, see Note 6
55
dB
yj
fac = 1 kHz, see Note 6
35
dB
IDD
Supply current
Ee = 4.4 µW/cm2
1.9
4
mA
NOTES: 2. Measured with RL = 10 kΩ between output and ground.
3. Optical measurements are made using small-angle incident radiation from a light-emitting diode (LED) optical source.
4. The input irradiance is supplied by a GaAs light-emitting diode with the following characteristics: peak wavelength
λp = 940 nm.
5. Irradiance responsivity is characterized over the range VO = 0.1 V to 4.5 V. The best-fit straight line of Output Voltage VO versus
Irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.
6. Power supply rejection ratio PSRR is defined as 20 log (
∆VDD(f)/∆VO(f)) with VDD(f = 0) = 5 V and VO(f = 0) = 2 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com