Electronic Components Datasheet Search
  English  ▼

X  

80C188EB Datasheet(PDF) 4 Page - Intel Corporation

Part # 80C188EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB Datasheet(HTML) 4 Page - Intel Corporation

  80C188EB Datasheet HTML 1Page - Intel Corporation 80C188EB Datasheet HTML 2Page - Intel Corporation 80C188EB Datasheet HTML 3Page - Intel Corporation 80C188EB Datasheet HTML 4Page - Intel Corporation 80C188EB Datasheet HTML 5Page - Intel Corporation 80C188EB Datasheet HTML 6Page - Intel Corporation 80C188EB Datasheet HTML 7Page - Intel Corporation 80C188EB Datasheet HTML 8Page - Intel Corporation 80C188EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
INTRODUCTION
Unless specifically noted
all references to the
80C186EB apply to the 80C188EB 80L186EB and
80L188EB References to pins that differ between
the 80C186EB80L186EB and the 80C188EB
80L188EB are given in parentheses The ‘‘L’’ in the
part number denotes low voltage operation Physi-
cally and functionally the ‘‘C’’ and ‘‘L’’ devices are
identical
The 80C186EB is the first product in a new genera-
tion of low-power high-integration microprocessors
It enhances the existing 186 family by offering new
features and new operating modes The 80C186EB
is object code compatible with the 80C186XL
80C188XL microprocessors
The 80L186EB is the 3V version of the 80C186EB
The 80L186EB is functionally identical to the
80C186EB
embedded
processor
Current
80C186EB users can easily upgrade their designs to
use the 80L186EB and benefit from the reduced
power consumption inherent in 3V operation
The feature set of the 80C186EB meets the needs
of low power space critical applications Low-Power
applications benefit from the static design of the
CPU core and the integrated peripherals as well as
low voltage operation Minimum current consump-
tion is achieved by providing a Powerdown mode
that halts operation of the device and freezes the
clock circuits Peripheral design enhancements en-
sure that non-initialized peripherals consume little
current
Space critical applications benefit from the inte-
gration of commonly used system peripherals Two
serial channels are provided for services such as
diagnostics inter-processor communication modem
interface terminal display interface and many oth-
ers A flexible chip select unit simplifies memory and
peripheral interfacing The interrupt unit provides
sources for up to 129 external interrupts and will pri-
oritize these interrupts with those generated from
the on-chip peripherals Three general purpose tim-
ercounters and sixteen multiplexed IO port pins
round out the feature set of the 80C186EB
Figure 1 shows a block diagram of the 80C186EB
80C188EB The Execution Unit (EU) is an enhanced
8086 CPU core that includes dedicated hardware to
speed up effective address calculations enhance
execution speed for multiple-bit shift and rotate in-
structions and for multiply and divide instructions
string move instructions that operate at full bus
bandwidth ten new instruction and fully static oper-
ation The Bus Interface Unit (BIU) is the same as
that found on the original 186 family products ex-
cept the queue status mode has been deleted and
buffer interface control has been changed to ease
system design timings An independent internal bus
is used to allow communication between the BIU
and internal peripherals
CORE ARCHITECTURE
Bus Interface Unit
The 80C186EB core incorporates a bus controller
that generates local bus control signals In addition
it employs a HOLDHLDA protocol to share the local
bus with other bus masters
The bus controller is responsible for generating 20
bits of address read and write strobes bus cycle
status information and data (for write operations) in-
formation It is also responsible for reading data off
the local bus during a read operation A READY in-
put pin is provided to extend a bus cycle beyond the
minimum four states (clocks)
The local bus controller also generates two control
signals (DEN and DTR) when interfacing to exter-
nal transceiver chips (Both DEN and DTR are
available on the PLCC devices only DEN is avail-
able on the QFP and SQFP devices) This capability
allows the addition of transceivers for simple buffer-
ing of the multiplexed addressdata bus
Clock Generator
The processor provides an on-chip clock generator
for both internal and external clock generation The
clock generator features a crystal oscillator a divide-
by-two counter
and two low-power operating
modes
The oscillator circuit is designed to be used with ei-
ther a parallel resonant fundamental or third-over-
tone mode crystal network Alternatively the oscilla-
tor circuit may be driven from an external clock
source Figure 2 shows the various operating modes
of the oscillator circuit
The crystal or clock frequency chosen must be twice
the required processor operating frequency due to
the internal divide-by-two counter This counter is
used to drive all internal phase clocks and the exter-
nal CLKOUT signal CLKOUT is a 50% duty cycle
processor clock and can be used to drive other sys-
tem components All AC timings are referenced to
CLKOUT
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com