Electronic Components Datasheet Search
  English  ▼

X  

80C188EB Datasheet(PDF) 6 Page - Intel Corporation

Part # 80C188EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB Datasheet(HTML) 6 Page - Intel Corporation

Back Button 80C188EB Datasheet HTML 2Page - Intel Corporation 80C188EB Datasheet HTML 3Page - Intel Corporation 80C188EB Datasheet HTML 4Page - Intel Corporation 80C188EB Datasheet HTML 5Page - Intel Corporation 80C188EB Datasheet HTML 6Page - Intel Corporation 80C188EB Datasheet HTML 7Page - Intel Corporation 80C188EB Datasheet HTML 8Page - Intel Corporation 80C188EB Datasheet HTML 9Page - Intel Corporation 80C188EB Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
PCB
Function
Offset
00H
Reserved
02H
End Of Interrupt
04H
Poll
06H
Poll Status
08H
Interrupt Mask
0AH
Priority Mask
0CH
In-Service
0EH
Interrupt Request
10H
Interrupt Status
12H
Timer Control
14H
Serial Control
16H
INT4 Control
18H
INT0 Control
1AH
INT1 Control
1CH
INT2 Control
1EH
INT3 Control
20H
Reserved
22H
Reserved
24H
Reserved
26H
Reserved
28H
Reserved
2AH
Reserved
2CH
Reserved
2EH
Reserved
30H
Timer0 Count
32H
Timer0 Compare A
34H
Timer0 Compare B
36H
Timer0 Control
38H
Timer1 Count
3AH Timer1 Compare A
3CH Timer1 Compare B
3EH
Timer1 Control
PCB
Function
Offset
40H
Timer2 Count
42H
Timer2 Compare
44H
Reserved
46H
Timer2 Control
48H
Reserved
4AH
Reserved
4CH
Reserved
4EH
Reserved
50H
Port 1 Direction
52H
Port 1 Pin
54H
Port 1 Control
56H
Port 1 Latch
58H
Port 2 Direction
5AH
Port 2 Pin
5CH
Port 2 Control
5EH
Port 2 Latch
60H
Serial0 Baud
62H
Serial0 Count
64H
Serial0 Control
66H
Serial0 Status
68H
Serial0 RBUF
6AH
Serial0 TBUF
6CH
Reserved
6EH
Reserved
70H
Serial1 Baud
72H
Serial1 Count
74H
Serial1 Control
76H
Serial1 Status
78H
Serial1 RBUF
7AH
Serial1 TBUF
7CH
Reserved
7EH
Reserved
PCB
Function
Offset
80H
GCS0 Start
82H
GCS0 Stop
84H
GCS1 Start
86H
GCS1 Stop
88H
GCS2 Start
8AH
GCS2 Stop
8CH
GCS3 Start
8EH
GCS3 Stop
90H
GCS4 Start
92H
GCS4 Stop
94H
GCS5 Start
96H
GCS5 Stop
98H
GCS6 Start
9AH
GCS6 Stop
9CH
GCS7 Start
9EH
GCS7 Stop
A0H
LCS Start
A2H
LCS Stop
A4H
UCS Start
A6H
UCS Stop
A8H
Relocation
AAH
Reserved
ACH
Reserved
AEH
Reserved
B0H
Refresh Base
B2H
Refresh Time
B4H
Refresh Control
B6H
Reserved
B8H
Power Control
BAH
Reserved
BCH
Step ID
BEH
Reserved
PCB
Function
Offset
C0H
Reserved
C2H
Reserved
C4H
Reserved
C6H
Reserved
C8H
Reserved
CAH
Reserved
CCH
Reserved
CEH
Reserved
D0H
Reserved
D2H
Reserved
D4H
Reserved
D6H
Reserved
D8H
Reserved
DAH
Reserved
DCH
Reserved
DEH
Reserved
E0H
Reserved
E2H
Reserved
E4H
Reserved
E6H
Reserved
E8H
Reserved
EAH
Reserved
ECH
Reserved
EEH
Reserved
F0H
Reserved
F2H
Reserved
F4H
Reserved
F6H
Reserved
F8H
Reserved
FAH
Reserved
FCH
Reserved
FEH
Reserved
Figure 3 Peripheral Control Block Registers
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com