Electronic Components Datasheet Search
  English  ▼

X  

LST0-M30 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # LST0-M30
Description  Low Power Right Angle Optical Track Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LST0-M30 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  LST0-M30 Datasheet HTML 1Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 2Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 3Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 4Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 5Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 6Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 7Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 8Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
PMT9123 Product Datasheet
Right Angle Optical Track Sensor
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.02 |12 Jul 2016 | 21001EN
PMT9123QS-TVIT: Low Power Right Angle Optical Track Sensor
Product Datasheet
General Description
The PMT9123QS-TVIT is PixArt Imaging's low power, right
angle Optical Track Sensor in a small form factor QFN
package. It has a new low-power architecture and
automatic power management modes, based on optical
navigation technology that enables digital surface
tracking, ideal for battery-powered wireless input
devices. The PMT9123QS-TVIT integrates optical sensor
and IR LED light source in a single SMT package, and
together with LST0-M30 lens assembly, form a complete
and compact tracking system that does not require code
wheel, code strip and any special marking on tracking
surfaces for motion control or tracking purposes.
Key Features
 Right Angle Small Form Factor Package with total
solution size of 6.0 mm x 6.0 mm x 3.6 mm enabling
90 degree viewing angle to the tracking surface
 Low power consumption of 0.45 mA @ run mode with
programmable down shifts and wake up times
 12-bits motion data registers
 High speed motion detection 25 ips and acceleration
8 g
 Motion detect pin output
 Internal oscillator – no clock input needed
 Resolution up to 2000 cpi
Applications
 Devices that require motion and tracking capabilities
 Suitable for space-constraint and battery-powered
devices
 Consumer Product Applications
Key Parameters
Parameter
Value
Supply Voltage (V)
VDD: 1.7 – 2.0
Resolution (cpi)
2000
Speed (ips)
25
Acceleration (g)
8
Interface
2-Wire Interface (TWI)
Area of Interest (AOI)
3 x 3 mm
Package Type
28-pin QFN Package with
Lens Assembly:
6.0 x 6.0 x 3.6 mm
Optical Lens
Magnification
1:1
Ordering Information
Part Number
Package Type
PMT9123QS-TVIT
28-pin QFN Package
LST0-M30
Lens Assembly
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - LST0-M30

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST0400-FC-A HP-LST0400-FC-A Datasheet
179Kb / 4P
Connectorized ELEDS
LST0400-ST-F HP-LST0400-ST-F Datasheet
179Kb / 4P
Connectorized ELEDS
LST0500-FC-A HP-LST0500-FC-A Datasheet
179Kb / 4P
Connectorized ELEDS
LST0500-ST-F HP-LST0500-ST-F Datasheet
179Kb / 4P
Connectorized ELEDS
LST0605-FC-A HP-LST0605-FC-A Datasheet
272Kb / 9P
Single Mode Connectorized Laser Diode (Low Power)
More results

Similar Description - LST0-M30

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
Low Power Optical Mouse Sensor
PMT9101DM-T2QU PIXART-PMT9101DM-T2QU Datasheet
1Mb / 16P
Optical Track Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com