Electronic Components Datasheet Search
  English  ▼

X  

LST0-M30 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # LST0-M30
Description  Low Power Right Angle Optical Track Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LST0-M30 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  LST0-M30 Datasheet HTML 1Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 2Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 3Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 4Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 5Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 6Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 7Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 8Page - Pixart Imaging Inc. LST0-M30 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
10
PixArt Imaging Inc.
PMT9123 Product Datasheet
Right Angle Optical Track Sensor
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.02 |12 Jul 2016 | 21001EN
Operating Specifications
2.1
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits when assembled into a device with shielded cable and following
PixArt’s recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when assembled into a device with shielded cable and following
PixArt’s recommendations.
2.2
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temperature
TSOLDER
260
°C
For 1.4 seconds
Supply Voltage
VDD
-0.5
2.1
V
LED Supply Voltage
VLED
-0.5
2.1
V
Moisture Sensitivity Level
MSL
1
Referring to JEDEC-J-STD-020
ESD (Sensor only)
ESDHBM
2
kV
All pins (Human Body Model,
JESD22-A114-E)
Latchup Current
Iout
200
mA All pins
Notes:
1. Maximum Ratings are those values beyond which damage to the device may occur.
2. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional
operation under absolute maximum-rated conditions is not implied.
3. Functional operation should be restricted to the Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com