Electronic Components Datasheet Search
  English  ▼

X  

PMW3360 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PMW3360
Description  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3360 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PMW3360 Datasheet HTML 10Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 11Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 12Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 13Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 14Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 15Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 16Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 17Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 | 6 April 2016
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
2.0
Electrical Specifications
Regulatory Requirements
•
Passes FCC “Part15, Subpart B, Class B”, “CISPR 22 1997 ClassB” and worldwide analogous emission limits when
assembled into a mouse with shielded cable and following PixArt Imaging’s recommendations.
•
Passes IEC 62471: 2006 Photo biological safety of lamps and lamp systems
2.1
Absolute Maximum Ratings
Table 2: Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temperature
TSOLDER
260
°C
For 7 seconds, 1.6mm below seating plane.
Supply Voltage
VDD
VDDIO
-0.5
1.80
2.10
3.60
V
V
VDDIO
-0.5
3.60
V
ESD (Human Body Model)
2
kV
All pins
Input Voltage
VIN
-0.5
3.6
V
All I/O pins.
2.2
Recommended Operating Conditions
Table 3: Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
0
40
°C
Power Supply Voltage
VDD
1.80
1.90
2.10
V
excluding supply noise
VDDIO
1.80
1.90
3.60
V
excluding supply noise. (VDDIO must be
same or greater than VDD)
Power Supply Rise Time
tRT
0.15
20
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10 kHz —75 MHz
Serial Port Clock Frequency
fSCLK
2.0
MHz
50% duty cycle
Distance from Lens Reference
Plane to Tracking Surface
Z
2.2
2.4
2.6
mm
Speed
S
250
ips
300ips on QCK, Vespula Speed, Vespula
Control and FUNC 1030 surfaces
Resolution error
ResErr
1
%
Up to 200ips on QCK with 5000 cpi
Acceleration
A
50
g
In run mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com