Electronic Components Datasheet Search
  English  ▼

X  

PMW3360 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PMW3360
Description  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3360 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PMW3360 Datasheet HTML 10Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 11Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 12Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 13Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 14Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 15Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 16Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 17Page - Pixart Imaging Inc. PMW3360 Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 | 6 April 2016
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
SCLK To NCS Inactive
(For Read Operation)
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS rising edge,
for valid MISO data transfer
SCLK To NCS Inactive
(For Write Operation)
tSCLK-NCS
35
s
From last SCLK rising edge to NCS rising edge,
for valid MOSI data transfer
NCS To MISO High-Z
tNCS-MISO
500
ns
From NCS rising edge to MISO high-Z state
MOTION Rise Time
tr-MOTION
50
ns
CL = 100pF
MOTION Fall Time
tf-MOTION
50
ns
CL = 100pF
Input Capacitance
Cin
50
pF
SCLK, MOSI, NCS
Load Capacitance
CL
100
pF
MISO, MOTION
Transient Supply Current
IDDT
70
mA
Max supply current during the supply ramp
from 0V to VDD with min 150 us and max
20ms rise time. (Does not include charging
currents for bypass capacitors)
IDDTIO
60
mA
Max supply current during the supply ramp
from 0V to VDDIO with min 150 us and max
20ms rise time. (Does not include charging
currents for bypass capacitors)
2.4
DC Electrical Specifications
Table 5. DC Electrical Specifications
Electrical characteristics, over recommended operating conditions. Typical values at 25 °C, VDD = 1.9 V, VDDIO = 1.9V, LED current at
12mA, 70MHz (internal), and 1.1kHz (slow clock).
Parameter
Symbol
Min
Typ.
Max
Units
Notes
DC Supply Current
IDD_RUN1
IDD_RUN2
IDD_RUN3
IDD_RUN4
IDD_REST1
IDD_REST2
IDD_REST3
16.3
18.6
21.6
37.0
2.8
61.0
32.0
mA
mA
mA
mA
mA
uA
uA
Average current consumption,
including LED current with 1ms
polling.
Power Down Current
IPD
10
µA
Input Low Voltage
VIL
0.3 x VDDIO V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.7 x VDDIO
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
±1
±10
µA
Vin=VDDIO or 0V, SCLK, MOSI, NCS
Output Low Voltage
VOL
0.45
V
Iout=1mA, MISO, MOTION
Output High Voltage
VOH
VDDIO - 0.45
V
Iout=-1mA, MISO, MOTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com