Electronic Components Datasheet Search
  English  ▼

X  

SDNS-3988 Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # SDNS-3988
Description  High Performance Gaming Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

SDNS-3988 Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button SDNS-3988 Datasheet HTML 2Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 3Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 4Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 5Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 6Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 7Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 8Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 9Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 10Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
__________________________________________________________________________________________________________________________
All rights rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc. Confidential
7
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
º
C
MSL level1
Lead-Free Solder Temp
260
º
C
MSL level1. Refer to soldering reflow profile
in Figure 7
Supply Voltage
VDD3
-0.5
3.4
V
VDD1_8
-0.5
2.1
V
VDDIO
-0.5
3.4
V
ESD (Human body model)
2
kV
All Pins
Input Voltage
VIN
-0.5
3.4
V
All I/O Pins
Comments:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are the stress ratings
only and functional operation of the device at these or any other condition beyond those indicated for extended period of time may affect device
reliability.
2. The inherent design of this component causes it to be sensitive to electrostatic discharge. The ESD threshold is listed above. To prevent ESD-
induced damage, take adequate ESD precautions when handling this product
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
0
40
C
Power supply voltage
VDD1_8
1.7
1.8
2.0
Volts
Including noise.
VDD3
2.7
2.8
3.3
Volts
Including noise.
VDD5
4.0
5.0
5.25
Volts
Including noise.
VDD-LED
2.7
2.8
3.3
Volts
Including noise.
VDDIO
1.65
3.3
Volts
Including noise.
Power supply rise time
VRT1_8
1
100
ms
0 to 1.8V
VRT3
1
100
ms
0 to 2.8V
Supply noise (Sinusoidal)
VNA
100
mVp-p
10kHz-50MHz
Serial Port Clock Frequency
fSCLK
2
MHz
Active drive, 50% duty cycle
Distance from lens reference
plane to surface (Z)
Z
2.7
2.9
3.1
mm
Results in +/- 0.2 mm minimum
DOF. See Figure 5
Speed
S
200
ips
Lift Cuttoff (Manual Calibration)
Lc
1
2.0
mm
Lift Cuttoff (Default)
Lwc
3
mm
Acceleration
A
50
g
In Run Mode only (machine
tested upto 30g)
Load Capacitance
Cout
100
pF
MOTION, MISO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com