Electronic Components Datasheet Search
  English  ▼

X  

SDNS-3988 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # SDNS-3988
Description  High Performance Gaming Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

SDNS-3988 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button SDNS-3988 Datasheet HTML 2Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 3Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 4Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 5Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 6Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 7Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 8Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 9Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 10Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
__________________________________________________________________________________________________________________________
All rights rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc. Confidential
9
Registers
The SDNS-3988 registers are accessible via the serial port. The registers are used to read motion data and status as well as to set the
device configuration.
Address
Register
Read/Write
Default Value
0x00
Product_ID
R
0x3d
0x01
Revision_ID
R
0x01
0x02
Motion
R
0x20
0x03
Delta_X_L
R
0x00
0x04
Delta_X_H
R
0x00
0x05
Delta_Y_L
R
0x00
0x06
Delta_Y_H
R
0x00
0x07
SQUAL
R
0x00
0x08
Pixel_Sum
R
0x00
0x09
Maximum_Pixel
R
0x00
0x0a
Minimum_Pixel
R
0x00
0x0b
Shutter_Lower
R
0x7a
0x0c
Shutter_Upper
R
0x31
0x0d
Frame_Period_Lower
R
0x1a
0x0e
Frame_Period_Upper
R
0x41
0x0f
Configuration_I
R/W
0x24
0x10
Configuration_II
R/W
0x00
0x11
Configuration_III
R/W
0x00
0x12
Frame_Capture
R/W
0x00
0x13
SROM_Enable
W
0x00
0x14
Run_Downshift
R/W
0x32
0x15
Rest1_Rate
R/W
0x01
0x16
Rest1_Downshift
R/W
0x1f
0x17
Rest2_Rate
R/W
0x09
0x18
Rest2_Downshift
R/W
0xbc
0x19
Rest3_Rate
R/W
0x31
0x1a
Frame_Period_Max_Bound_Lower
R/W
0x1a
0x1b
Frame_Period_Max_Bound_Upper
R/W
0x41
0x1c
Frame_Period_Min_Bound_Lower
R/W
0xa0
0x1d
Frame_Period_Min_Bound_Upper
R/W
0x0f
0x1e
Shutter_Max_Bound_Lower
R
0x7a
0x1f
Shutter_Max_Bound_Upper
R
0x31
0x24
Observation
R/W
0x00
0x25
Data_Out_Lower
R
Undefined
0x26
Data_Out_Upper
R
Undefined
0x27-0x29
Reserved
0x2a
SROM_ID
R
0x00
0x2b-0x2e
Reserved
0x2f
Configuration_V
R/W
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com