Electronic Components Datasheet Search
  English  ▼

X  

DG418 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # DG418
Description  Precision CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG418 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  DG418 Datasheet HTML 1Page - TEMIC Semiconductors DG418 Datasheet HTML 2Page - TEMIC Semiconductors DG418 Datasheet HTML 3Page - TEMIC Semiconductors DG418 Datasheet HTML 4Page - TEMIC Semiconductors DG418 Datasheet HTML 5Page - TEMIC Semiconductors DG418 Datasheet HTML 6Page - TEMIC Semiconductors DG418 Datasheet HTML 7Page - TEMIC Semiconductors DG418 Datasheet HTML 8Page - TEMIC Semiconductors DG418 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG417/418/419
Siliconix
S-52880—Rev. D, 28-Apr-97
5
Typical Characteristics
rDS(on) vs. VD and Supply Voltage
50
40
30
0
–20
–15
20
20
10
–10
–5
5
15
10
0
ID = –10 mA
"10 V
"15 V
"20 V
"12 V
"8 V
"5 V
rDS(on) vs. Temperature
40
30
0
–15
–10
15
20
–5
0
5
10
10
25
_C
–55
_C
TA = 125_C
Leakage Currents vs. Analog Voltage
30
20
–30
–15
–10
15
10
0
–5
0
5
10
–10
–20
V+ = 15 V
V– = –15 V
VL = 5 V
DG417/418: ID(off), IS(off)
DG419: IS(off)
DG417/418: ID(on)
DG419: ID(off), ID(on)
Drain Charge Injection
200
150
100
–50
–15
–10
15
50
0
–5
0
5
10
100 pF
500 pF
1 nF
V+ = 16.5 V
V– = –16.5 V
VL = 5 V
VIN = 0 V
CL = 10 nF
Input Switching Threshold vs. Supply Voltages
3.5
3.0
2.5
0
510
40
2.0
1.5
1.0
0.5
15
20
25
30
35
(V+)
–5
–10
0
–15
–10
–5
0
0
(V–)
VL = 5 V
VL = 7 V
Operating Voltage Range
Negative Supply V– (V)
50
40
30
0
0
20
10
–10
–20
–30
–40
2
42
5 V CMOS
Compatible
TTL Compatible
VIN = 0.8 V, 2.4 V
F = Voltages Used for Production Testing
F
F
CMOS Compatible
VD – Drain Voltage (V)
VD or VS – Drain or Source Voltage (V)
VD – Drain Voltage (V)
VS – Source Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com