Electronic Components Datasheet Search
  English  ▼

X  

LM611AIN Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611AIN
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611AIN Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM611AIN Datasheet HTML 8Page - National Semiconductor (TI) LM611AIN Datasheet HTML 9Page - National Semiconductor (TI) LM611AIN Datasheet HTML 10Page - National Semiconductor (TI) LM611AIN Datasheet HTML 11Page - National Semiconductor (TI) LM611AIN Datasheet HTML 12Page - National Semiconductor (TI) LM611AIN Datasheet HTML 13Page - National Semiconductor (TI) LM611AIN Datasheet HTML 14Page - National Semiconductor (TI) LM611AIN Datasheet HTML 15Page - National Semiconductor (TI) LM611AIN Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Information (Continued)
Connecting a resistor across Cathode-to-FEEDBACK cre-
ates a 0 TC current source, but a range of TCs may be syn-
thesized.
I = Vr/R1 = 1.24/R1
Hysteresis
The reference voltage depends, slightly, on the thermal his-
tory
of
the
die.
Competitive
micro-power
products
vary — always check the data sheet for any given device. Do
not assume that no specification means no hysteresis.
OPERATIONAL AMPLIFIER
The amp or the reference may be biased in any way with no
effect on the other, except when a substrate diode conducts
(see Guaranteed Electrical Characteristics Note 1). The amp
may have inputs outside the common-mode range, may be
operated as a comparator, or have all terminals floating with
no effect on the reference (tying inverting input to output and
non-inverting input to V
−
on unused amp is preferred).
Choosing operating points that cause oscillation, such as
driving too large a capacitive load, is best avoided.
Op Amp Output Stage
The op amp, like the LM124 series, has a flexible and rela-
tively wide-swing output stage. There are simple rules to op-
timize output swing, reduce cross-over distortion, and opti-
mize capacitive drive capability:
1.
Output Swing: Unloaded, the 42 µA pull-down will bring
the output within 300 mV of V
− over the military tempera-
ture range. If more than 42 µA is required, a resistor from
output to V
− will help. Swing across any load may be im-
proved slightly if the load can be tied to V
+, at the cost of
poorer sinking open-loop voltage gain.
2.
Cross-over Distortion: The LM611 has lower cross-over
distortion (a 1 V
BE deadband versus 3 VBE for the
LM124), and increased slew rate as shown in the char-
acteristic curves. A resistor pull-up or pull-down will force
class-A operation with only the PNP or NPN output tran-
sistor conducting, eliminating cross-over distortion.
3.
Capacitive Drive: Limited by the output pole caused by
the output resistance driving capacitive loads, a
pull-down resistor conducting 1 mA or more reduces the
output stage NPN r
e until the output resistance is that of
the current limit 25
Ω. 200 pF may then be driven without
oscillation.
Op Amp Input Stage
The lateral PNP input transistors, unlike those of most op
amps, have BV
EBO equal to the absolute maximum supply
voltage. Also, they have no diode clamps to the positive sup-
ply nor across the inputs. These features make the inputs
look like high impedances to input sources producing large
differential and common-mode voltages.
DS009221-21
FIGURE 8. Diode in Series with R1 Causes
Voltage Across R1 and R2 to be Proportional
to Absolute Temperature (PTAT)
DS009221-22
FIGURE 9. Current Source is Programmed by R1
DS009221-23
FIGURE 10. Proportional-to-Absolute-
Temperature Current Source
DS009221-24
FIGURE 11. Negative −TC Current Source
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com