Electronic Components Datasheet Search
  English  ▼

X  

LM611AIN Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611AIN
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611AIN Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM611AIN Datasheet HTML 9Page - National Semiconductor (TI) LM611AIN Datasheet HTML 10Page - National Semiconductor (TI) LM611AIN Datasheet HTML 11Page - National Semiconductor (TI) LM611AIN Datasheet HTML 12Page - National Semiconductor (TI) LM611AIN Datasheet HTML 13Page - National Semiconductor (TI) LM611AIN Datasheet HTML 14Page - National Semiconductor (TI) LM611AIN Datasheet HTML 15Page - National Semiconductor (TI) LM611AIN Datasheet HTML 16Page - National Semiconductor (TI) LM611AIN Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Ordering Information
Reference
Tolerance & V
OS
Temperature Range
Package
NSC
Drawing
Military
Industrial
Commercial
−55˚C
≤T
A≤+125˚C
−40˚C
≤T
A≤+85˚C
0˚C
≤T
A≤+70˚C
±0.6% @
LM611AMN
LM611AIN
—
8-pin
N08E
80 ppm/˚C max
molded DIP
V
OS = 3.5 mV max
LM611AMJ/883 (Note 12)
—
—
8-pin
J08A
ceramic DIP
±2.0% @
LM611MN
LM611BIN
LM611CN
8-pin
N08E
150 ppm/˚C max
molded DIP
V
OS = 5 mV max
—
LM611IM
LM611CM
14-pin Narrow
M14A
Surface Mount
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com