Electronic Components Datasheet Search
  English  ▼

X  

HMC339 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC339
Description  The HMC339 is ideal for
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC339 Datasheet(HTML) 7 Page - Analog Devices

  HMC339 Datasheet HTML 1Page - Analog Devices HMC339 Datasheet HTML 2Page - Analog Devices HMC339 Datasheet HTML 3Page - Analog Devices HMC339 Datasheet HTML 4Page - Analog Devices HMC339 Datasheet HTML 5Page - Analog Devices HMC339 Datasheet HTML 6Page - Analog Devices HMC339 Datasheet HTML 7Page - Analog Devices HMC339 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3
3 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
Pad Number
Function
Description
Interface Schematic
1Vdd
Power supply for the LO Amplifier. An external RF bypass
capacitor of 100 - 330 pF is required. A MIM border capacitor
is recommended. The bond length to the capacitor should be
as short as possible. The ground side of the capacitor should
be connected to the housing ground.
2RF
This pad is AC coupled
and matched to 50 Ohm.
3IF
This pad is DC coupled and should be DC blocked
externally using a series capacitor whose value has been
chosen to pass the necessary IF frequency range. Any applied
DC voltage to this pin will result in die non-function and pos-
sible die failure.
4LO
This pad is AC coupled
and matched to 50 Ohm.
Pad Descriptions
HMC339
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 33 - 42 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com