Electronic Components Datasheet Search
  English  ▼

X  

HMC339 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC339
Description  The HMC339 is ideal for
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC339 Datasheet(HTML) 1 Page - Analog Devices

  HMC339 Datasheet HTML 1Page - Analog Devices HMC339 Datasheet HTML 2Page - Analog Devices HMC339 Datasheet HTML 3Page - Analog Devices HMC339 Datasheet HTML 4Page - Analog Devices HMC339 Datasheet HTML 5Page - Analog Devices HMC339 Datasheet HTML 6Page - Analog Devices HMC339 Datasheet HTML 7Page - Analog Devices HMC339 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC339
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 33 - 42 GHz
v02.1007
General Description
Features
Functional Diagram
The HMC339 chip is a sub-harmonically pumped (x2)
MMIC mixer with an integrated LO amplifier which can
be used as an upconverter or downconverter.
The
chip utilizes a GaAs PHEMT technology that results
in a small overall chip area of 1.07mm2. The 2LO to
RF isolation is excellent eliminating the need for addi-
tional filtering. The LO amplifier is a single bias (+3V to
+4V) two stage design with only +2 dBm nominal drive
requirement. All data is measured with the chip in a 50
ohm test fixture connected via 0.025mm (3 mil) ribbon
bonds of minimal length <0.31 mm (<12 mils).
Integrated LO Amplifier: +2 dBm Input
Sub-Harmonically Pumped (x2) LO
High 2LO/RF Isolation: > 37 dB
Die Size: 1.32 x 0.81 x 0.1 mm
Electrical Specifications, T
A = +25° C, As a Function of Vdd
Typical Applications
The HMC339 is ideal for:
• 33 to 42 GHz Microwave Radios
• Up and Down Converter for
Point to Point Radios
• Satellite Communication Systems
*Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz.
Parameter
IF = 1 GHz
LO = +2 dBm & Vdd = +4V
IF = 1 GHz
LO = +2 dBm & Vdd = +3V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF
33 - 42
33 - 38
GHz
Frequency Range, LO
16.5 - 21
16.5 - 19
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
10
13
10
12
dB
Noise Figure (SSB)
10
13
10
12
dB
2LO to RF Isolation
27
37
23
37
dB
2LO to IF Isolation
30
40
25
40
dB
IP3 (Input)
5
10
3
8
dBm
1 dB Compression (Input)
-4
0
-5
-1
dBm
Supply Current (Idd)
28
38
25
38
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC339

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC339 HITTITE-HMC339 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Micross Components
HMC339 MICROSS-HMC339 Datasheet
953Kb / 11P
Satellite Communication Systems
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
More results

Similar Description - HMC339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG ETC2-EFM32WG Datasheet
13Mb / 834P
The EFM32WG Wonder Gecko is the ideal choice for demanding 8-, 16-, and 32-bit energy sensitive applications.
logo
Ralston Instruments.
QTFT-HNS0 RALSTON-QTFT-HNS0 Datasheet
298Kb / 1P
Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
Marl International Limi...
665-501-04-5012 MARL-665-501-04-5012_15 Datasheet
397Kb / 4P
Short body length is ideal for portable equipment
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
The HMC143 & HMC144 is ideal for
logo
NEC
GT110D NEC-GT110D Datasheet
904Kb / 2P
The ideal first server
logo
Central Semiconductor C...
CPD65-BAV45 CENTRAL-CPD65-BAV45 Datasheet
545Kb / 4P
The CPD65-BAV45 is a silicon 50mA, 35 Volt diode ideal for low leakage applications.
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
The EML-RM label is ideal for temporary marking.
logo
Kingston Technology Far...
DT2000 KINGSTON-DT2000 Datasheet
581Kb / 2P
Ideal when security is key
logo
Maxim Integrated Produc...
MAX14676D MAXIM-MAX14676D Datasheet
46Kb / 5P
The MAX14676D is a battery charge management solutions ideal for low-power wearable applications
September 28, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com