Electronic Components Datasheet Search
  English  ▼

X  

TXM25 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TXM25
Description  Medical Grade 25W Wall Mount Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TXM25 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TXM25_16 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TXM25_16 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TXM25 Series
Medical Grade 25W Wall Mount Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
INPUT SPECIFICATIONS
Input Voltage Range ................. 80~275 VAC
Input Frequency ........................ 47~63 Hz
Input Current ............................. 0.7A rms @ 100 VAC,
0.4A rms @ 240 VAC
Inrush Current .......................... 50A @ 100 VAC or 100A
@ 240 VAC, at 25°C cold start
No Load Power Consumption... 0.3W max.
Enclosure Leakage Current ..... 100µA max. @ 240 VAC, 60 Hz
OUTPUT SPECIFICATIONS
Output Power Ratings .............. See models list
Minimum Load ......................... Not required
Total Regulation ....................... See models list
Ripple & Noise ......................... See models list
Overload Protection ................. Set at 110-150% of its nominal
output voltage; Auto recovery
Short Circuit Protection ............ Auto recovery
Temperature Coefficient .......... ±0.04%/°C max.
Transient Response ................ 4ms @ 110 VAC, full load
GENERAL SPECIFICATIONS
Efficiency .................................. See models list
Hold-up Time ............................ 12ms min. @ 100 VAC, full load
Start-up Time ............................ 3 seconds max. @ full load
Line Regulation ........................ ±1% max. @ full load
Operating Temperature ........... -10°C to +70°C
Derating .................................... Derate from 100% at +40ºC
linearly to 50% at +70°C
Storage Temperature ............... -40°C to +85°C
Relative Humidity ..................... 0% to 95% non-condensing
Withstand Voltage .................... 4,000 VAC from input to output
Operating Altitude ..................... 3,000 meters max.
MTBF ......................................... 100K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• IEC 60601-1-11:2015 Home Healthcare Certification
• Approved to UL/IEC/EN 60601-1 3.1 Edition
• Meets IEC/EN 60601-1-2 4th Edition EMC
• Class II Construction with 2 MOPP
• Interchangeable AC Plugs
• UL, cUL, TUV, PSE, CCC, CB & CE Approvals
STANDARDS & COMPLIANCES
IEC/EN 60601-1-2: 2014 .... EMC & Immunity Performance
EN 55011, CISPR11 ........... Class B, conducted & radiated
FCC, VCCI ........................... Class B, conducted & radiated
EN 61000-3-2 ...................... Harmonic distortion, Class A
EN 61000-3-3 ...................... Line fluctuations & flicker
EN 61000-4-2 ...................... ESD, ±15 KV air and ±8 KV contact
EN 61000-4-3 ...................... Radiated immunity, 10 V/m
EN 61000-4-4 ...................... Fast transient/burst, ±2 KV
EN 61000-4-5 ...................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ...................... Conducted immunity, 6 Vrms
EN 61000-4-8 ...................... Magnetic field immunity, 30 A/m
EN 61000-4-11 .................... Voltage dips,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................. UL/IEC/EN 60601-1 (Edition 3.1),
............................................. ANSI/AAMI ES 60601-1 (2012),
............................................. CSA C22.2 No. 60601-1 (2014);
............................................. IEC 60601-1-11:2015
Agency Approvals ................ UL, cUL, TUV, PSE, CCC, CE, CB
Other Compliances ............ RoHS2, CEC
MECHANICAL SPECIFICATIONS
Unit: inch. [mm]
Tolerance: 0.02 [0.5] max.
Weight: 200g (0.44 lb) approx.
Notes:
1. Standard output connector: 2.5 x 5.5 mm or 2.1 x 5.5 mm barrel plug
2. Standard output cable: 4-ft, AWG#18 for 3-10.9V output models;
4-ft, AWG#20 for 11-32.9V output models; 4-ft, AWG#22 for 33-55V
output models.
3. Contact TRUMPower for other output cable and connector options.


Similar Part No. - TXM25_16

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TXM200 TRACOPOWER-TXM200 Datasheet
3Mb / 5P
AC/DC Power Supply TXM 200 Series, 200 Watt
Rev. March 16, 2023
TXM200-112 TRACOPOWER-TXM200-112 Datasheet
3Mb / 5P
AC/DC Power Supply TXM 200 Series, 200 Watt
Rev. March 16, 2023
TXM200-124 TRACOPOWER-TXM200-124 Datasheet
3Mb / 5P
AC/DC Power Supply TXM 200 Series, 200 Watt
Rev. March 16, 2023
TXM200-148 TRACOPOWER-TXM200-148 Datasheet
3Mb / 5P
AC/DC Power Supply TXM 200 Series, 200 Watt
Rev. March 16, 2023
logo
List of Unclassifed Man...
TXM24C-1CG ETC2-TXM24C-1CG Datasheet
394Kb / 9P
IP65 Rated NEMA 24 Integrated CANopen StepSERVO??Motor
More results

Similar Description - TXM25_16

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
40-65W Medical Grade Power Adapters
TMA165 TRUMPOWER-TMA165 Datasheet
97Kb / 1P
160-165W Medical Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
Medical Grade 15W Wall Mount Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AHP2501 ASTRODYNE-AHP2501 Datasheet
1Mb / 3P
25W Medical Power Adapters with Interchangeable Input Plugs
logo
Vitec Power
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
logo
Tumbler Technologies + ...
TMW7 TRUMPOWER-TMW7_16 Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
logo
Vitec Power
SMWA12C Vitec-SMWA12C Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com