Electronic Components Datasheet Search
  English  ▼

X  

TXM25 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TXM25
Description  Medical Grade 25W Wall Mount Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TXM25 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TXM25_16 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TXM25_16 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TXM25 Series
Medical Grade 25W Wall Mount Power Adapters
TXM25_2016-10-26
.
o
N
t
c
u
d
o
r
P
)
1
(
)
y
l
n
O
y
d
o
B
n
i
a
M
(
e
g
a
t
l
o
V
t
u
p
t
u
O
)
2
(
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
e
s
i
o
N
&
e
l
p
p
i
R
)
3
(
)
.
x
a
M
p
-
p
V
(
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
)
.
p
y
T
(
y
c
n
e
i
c
i
f
f
E
3
0
-
5
2
M
X
T
V
3A
5
.
3W
5
.
0
1V
m
6
6%
5
±%
5
6
5
0
-
5
2
M
X
T
V
5A
3
.
3W
5
.
6
1V
m
0
5%
5
±%
0
8
7
0
-
5
2
M
X
T
V
7A
7
5
8
.
2W
0
2V
m
0
7%
5
±%
2
8
9
0
-
5
2
M
X
T
V
9A
4
4
4
.
2W
2
2V
m
0
9%
5
±%
3
8
2
1
-
5
2
M
X
T
V
2
1A
3
8
0
.
2W
5
2V
m
0
0
1%
5
±%
4
8
5
1
-
5
2
M
X
T
V
5
1A
7
6
6
.
1W
5
2V
m
0
0
1%
5
±%
5
8
9
1
-
5
2
M
X
T
V
9
1A
6
1
3
.
1W
5
2V
m
0
0
1%
5
±%
5
8
4
2
-
5
2
M
X
T
V
4
2A
2
4
0
.
1W
5
2V
m
0
0
1%
3
±%
6
8
0
3
-
5
2
M
X
T
V
0
3A
3
3
8
.
0W
5
2V
m
0
0
1%
3
±%
6
8
6
3
-
5
2
M
X
T
V
6
3A
4
9
6
.
0W
5
2V
m
0
0
1%
3
±%
6
8
8
4
-
5
2
M
X
T
V
8
4A
1
2
5
.
0W
5
2V
m
0
0
1%
3
±%
6
8
4
5
-
5
2
M
X
T
V
4
5A
3
6
4
.
0W
5
2V
m
0
0
1%
3
±%
6
8
MODELS LIST
Notes:
1. At least one AC plug is required to order with each power adapter's main body.
2. Specify the output voltage, within 3V to 55V, when ordering non-standard output models, e.g. TXM25-16.5 for 16.5V output.
3. Ripple & Noise are measured with 20MHz bandwidth at nominal line and rated output load ranges, with a 0.47µF capacitor connected
across the output.
.
o
N
t
r
a
P
s
g
u
l
P
C
A
e
l
b
a
e
g
n
a
h
c
r
e
t
n
I
U
P
I
-
M
X
T
d
e
z
ir
a
l
o
P
-
n
o
N
;
e
p
y
T
n
a
p
a
J
/
a
n
i
h
C
/
S
U
E
P
I
-
M
X
T
e
p
y
T
U
E
B
P
I
-
M
X
T
e
p
y
T
K
U
A
P
I
-
M
X
T
e
p
y
T
a
il
a
r
t
s
u
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com