Electronic Components Datasheet Search
  English  ▼

X  

HMC561LP3E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC561LP3E
Description  RoHS Compliant 3x3 mm SMT Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC561LP3E Datasheet(HTML) 5 Page - Analog Devices

  HMC561LP3E Datasheet HTML 1Page - Analog Devices HMC561LP3E Datasheet HTML 2Page - Analog Devices HMC561LP3E Datasheet HTML 3Page - Analog Devices HMC561LP3E Datasheet HTML 4Page - Analog Devices HMC561LP3E Datasheet HTML 5Page - Analog Devices HMC561LP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 86
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 3, 10, 12
GND
Package bottom must also be connected
to RF/DC ground.
2RFIN
Pin is AC coupled and
matched to 50 Ohms.
4 - 9, 14, 16
N/C
These pins are internally not connected; however,
this product was specified with these pins connected
to RF/ DC ground.
11
RFOUT
Pin is AC coupled and
matched to 50 Ohms.
13
Vdd
Supply voltage 5V ± 0.5V. External bypass capacitors
of 100 pF, 1,000 pF and 2.2 μF are required.
15
Vgg
Gate control for multiplier. Adjust to achieve Idd
of 98 mA. Please follow “MMIC Amplifier Biasing
Procedure” Application note.
Pin Description
Application Circuit
Component
Value
C1, C2
100 pF
C3, C4
1,000 pF
C5, C6
2.2 μF
HMC561LP3 / 561LP3E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
v01.0407
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com