Electronic Components Datasheet Search
  English  ▼

X  

HMC561LP3E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC561LP3E
Description  RoHS Compliant 3x3 mm SMT Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC561LP3E Datasheet(HTML) 3 Page - Analog Devices

  HMC561LP3E Datasheet HTML 1Page - Analog Devices HMC561LP3E Datasheet HTML 2Page - Analog Devices HMC561LP3E Datasheet HTML 3Page - Analog Devices HMC561LP3E Datasheet HTML 4Page - Analog Devices HMC561LP3E Datasheet HTML 5Page - Analog Devices HMC561LP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
RF Input (Vdd = +5V)
+10 dBm
Supply Voltage (Vdd)
+5.5 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 9.8 mW/°C above 85 °C)
635 mW
Thermal Resistance
(channel to ground paddle)
102 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
4.5
97
5.0
98
5.5
99
Note:
Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
HMC561LP3 / 561LP3E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
-20
-16
-12
-8
-4
0
7
9
11
13
15
17
19
21
23
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
34
56
789
10
11
12
25 C
+85 C
-40 C
FREQUENCY (GHz)
Supply Current vs. Input Power
70
80
90
100
110
120
130
-10
-6
-2
2
6
10
INPUT POWER (dBm)
v01.0407
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com