Electronic Components Datasheet Search
  English  ▼

X  

AA10U Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA10U
Description  10 Watts AA10U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10U Datasheet(HTML) 1 Page - Astec America, Inc

  AA10U Datasheet HTML 1Page - Astec America, Inc AA10U Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
10 Watts
AA10U
• Unencapsulated
• Wide 4:1 input range
• 1 year warranty
• 1.0" x 2.0" x 0.38" case
• Meets EN55022A for conducted noise
Operating ambient temperature range:
-40°C to +75°C (no derating)
Baseplate: 105°C Max.
Storage Temperature: -55°C to +125°C
Humidity: 5% to 95% (non-condensing)
EMI/RFI Shielding: Five-Sided
MTBF: 361,000 hours (MIL-HDBK-217)
UL
UL 1950 Recognized
CAN22.2-950 Recognized
TUV
EN60950 Certified
Environmental
Safety
Input
Input range
9 to 36 VDC; 18 to 75 VDC
Input capacitance
48 models
1.5uF typical
24 models
2.7uF typical
No load input power
150mW typical
Input reflected
ripple (P-P)
48 Models
4mA
24 Models
10mA (see Note 2)
Efficiency
82% (typ)
Output
Voltage tolerance
±1.0% (main); ±2.0% (aux)
(factory set-point)
Line regulation
+0.5% max (main); ±0.5% (aux)
Load regulation
±0.5% (10% load to full load
(singles))
±1.0% (10% load to full load (duals))
Noise/ripple
1% p-p (See Note 1)
Short circuit protection
Continuous Power Cycle
Overvoltage protection
Zener clamp
Transient response
1mS 50% Step load change to
within 1% Vout
Switching frequency
All models 380kHz except
150S & 150D Models 300kHz (typ.)
Temperature coefficient
±0.02%/°C max.
Isolation
I/O isolation
1500 VDC min
Insulation resistance
50 M ohm
Insulation capacitance
220pF
Fuse
.024 - 2.25A/250V
048 - 1A/250V
Total Power:
10 Watts
Input Voltages:
12V, 24V or 48V
No. of Outputs:
Single, Dual
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
64
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 64


Similar Part No. - AA10U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
SCRs .5 A, Planar
logo
List of Unclassifed Man...
AA100 ETC2-AA100 Datasheet
129Kb / 3P
Maximum Gate Trigger Current 2,20 or 200uA
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
SCRs .5A, Planar
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
More results

Similar Description - AA10U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
10 Watts
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
10 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
10 Watts
AUD03M48 ASTEC-AUD03M48 Datasheet
87Kb / 2P
10 Watts Embedded Power
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com