Electronic Components Datasheet Search
  English  ▼

X  

AA10U Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA10U
Description  10 Watts AA10U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10U Datasheet(HTML) 2 Page - Astec America, Inc

  AA10U Datasheet HTML 1Page - Astec America, Inc AA10U Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Maximum
Model Number
Voltage
Voltage
Voltage
Power
9-36V
3.3V @ 2.42A
8W
AA10U-024L-033S
9-36V
5V @ 2.00A
10W
AA10U-024L-050S
9-36V
12V @ 0.830A
10W
AA10U-024L-120S
9-36V
15V @ 0.670A
10W
AA10U-024L-150S
9-36V
5V @ .750A
-5V @ .750A
7.5W
AA10U-024L-050D
9-36V
12V@ .375A
-12V @ 0.375A
9W
AA10U-024L-120D
9-36V
15V@.300A
-15V @ 0.300A
9W
AA10U-024L-150D
18-75V
3.3V @ 2.42A
8W
AA10U-048L-033S
18-75V
5V @ 2.00A
10W
AA10U-048L-050S
18-75V
12V @ 0.830A
10W
AA10U-048L-120S
18-75V
15V @ .670A
10W
AA10U-048L-150S
18-75V
5V@.750A
-5V @ 0.750A
7.5W
AA10U-048L-050D
18-75V
12V @ 0.375A
-12V @ 0.375A
9W
AA10U-048L-120D
18-75V
15V @ 0.300A
-15V @ 0.300A
9W
AA10U-048L-150D
Please contact Astec for information on other output voltages, power ranges and configurations.
Single Output
1.
+Vin
2.
-Vin
3.
Output 1
4.
No pin
5.
COMM
Dual Output
1.
+Vin.
2.
-Vin
3.
Output 1
4.
COMM
5.
Output 2
Notes:
1. 20MHz bandwidth. An external 0.1uf ceramic capacitor
is recommended to be placed from +V out to -V out.
2. Meets FCC class A and ETS300-386-1 requirements for
conducted noise. Consult factory for filter recommenda-
tions to meet FCC class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only.
5. Calculated per MIL HDBK 217F, Ground Benign at 25°C,
full load.
6. Warranty: 1 yr
Pin Assignments
0.38
(9.65)
0.15
(3.81)
0.40 (1.01)
DIA TYP
1.00
(25.4)
0.20
(5.08)
.80
(20.32)
.40
(10.15)
0.10
(2.54)
0.8
(20.32)
2.00
(50.80)
0.10 (2.54)
BOTTOM VIEW
ALL DIMENSIONS ARE IN INCHES (mm)
1
2
3
4
5
0.40
(10.15)
0.60
(15.24)
65
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com