Electronic Components Datasheet Search
  English  ▼

X  

RP201 Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RP201
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP201 Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RP201 Datasheet HTML 9Page - RICOH electronics devices division RP201 Datasheet HTML 10Page - RICOH electronics devices division RP201 Datasheet HTML 11Page - RICOH electronics devices division RP201 Datasheet HTML 12Page - RICOH electronics devices division RP201 Datasheet HTML 13Page - RICOH electronics devices division RP201 Datasheet HTML 14Page - RICOH electronics devices division RP201 Datasheet HTML 15Page - RICOH electronics devices division RP201 Datasheet HTML 16Page - RICOH electronics devices division RP201 Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RP201x
13
4) Supply Current vs. Output Current (C1
1.0F, C21.0F, Topt25C)
RP201x08xx
RP201x18xx
0
20
120
60
40
80
100
VIN=1.8V
Output Current IOUT (mA)
0.1
10
100
1
1000
Low Power Mode to Fast Mode
0.1mA
150mA
Fast Mode to Low Power Mode
150mA
0.1mA
0
20
120
60
40
80
100
VIN=2.8V
Output Current IOUT (mA)
0.1
10
100
1
1000
Low Power Mode to Fast Mode
0.1mA
150mA
Fast Mode to Low Power Mode
150mA
0.1mA
RP201x28xx
RP201x40xx
0
20
120
60
40
80
100
VIN=3.8V
Output Current IOUT (mA)
0.1
10
100
1
1000
Low Power Mode to Fast Mode
0.1mA
150mA
Fast Mode to Low Power Mode
150mA
0.1mA
0
20
120
60
40
80
100
VIN=5.0V
Output Current IOUT (mA)
0.1
10
100
1
1000
Low Power Mode to Fast Mode
0.1mA
150mA
Fast Mode to Low Power Mode
150mA
0.1mA
5) Output Voltage vs. Temperature (C1
1.0F, C21.0F, IOUT5mA)
RP201x08xx
RP201x18xx
0.75
0.85
0.77
0.79
0.83
0.81
0.84
0.76
0.78
0.82
0.80
-40
75
50
025
-25
85
Temperature (
°C)
VIN=1.8V
1.75
1.85
1.77
1.79
1.83
1.81
1.84
1.76
1.78
1.82
1.80
-40
75
50
025
-25
85
Temperature (
°C)
VIN=2.8V
*RP201Q (SC-88A) and RP201N (SOT-23-5) are the discontinued products. As of June in 2016.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com