Electronic Components Datasheet Search
  English  ▼

X  

RP201 Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RP201
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP201 Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RP201 Datasheet HTML 17Page - RICOH electronics devices division RP201 Datasheet HTML 18Page - RICOH electronics devices division RP201 Datasheet HTML 19Page - RICOH electronics devices division RP201 Datasheet HTML 20Page - RICOH electronics devices division RP201 Datasheet HTML 21Page - RICOH electronics devices division RP201 Datasheet HTML 22Page - RICOH electronics devices division RP201 Datasheet HTML 23Page - RICOH electronics devices division RP201 Datasheet HTML 24Page - RICOH electronics devices division RP201 Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
RP201x
21
RP201x08xx
RP201x18xx
(Fixed Fast Mode)
(Fixed Fast Mode)
30
0
15
0
450
150
250
50
350400
200
300
100
Output Voltage
0.73
0.79
0.83
0.75
0.81
0.77
45
Time t (
μs)
Output Current
0mA
30mA
VIN=1.8V
AE=1.8V
30
0
15
0
450
150
250
50
350400
200
300
100
Output Voltage
1.72
1.78
1.82
1.84
1.74
1.80
1.76
45
Time t (
μs)
Output Current
0mA
30mA
VIN=2.8V
AE=2.8V
RP201x28xx
RP201x40xx
Auto ECO (Low Power Mode↔Fast Mode)
Auto ECO (Low Power Mode↔Fast Mode)
30
0
15
0
450
150
250
50
350400
200
300
100
Output Voltage
2.60
2.75
2.85
2.65
2.80
2.70
45
Time t (
μs)
Output Current
0mA
30mA
VIN=3.8V
AE=0V
30
0
15
0
450
150
250
50
350400
200
300
100
Output Voltage
3.80
3.95
4.05
3.85
4.00
3.90
45
Time t (
μs)
Output Current
0mA
30mA
VIN=5.0V
AE=0V
RP201x28xx
RP201x40xx
(Fixed Fast Mode)
(Fixed Fast Mode)
30
0
15
0
450
150
250
50
350400
200
300
100
Output Voltage
2.72
2.78
2.82
2.74
2.80
2.76
45
Time t (
μs)
Output Current
0mA
30mA
VIN=3.8V
AE=3.8V
30
0
15
0
450
150
250
50
350400
200
300
100
Output Voltage
3.92
3.98
4.02
4.04
3.94
4.00
3.96
45
Time t (
μs)
Output Current
0mA
30mA
VIN=5.0V
AE=5.0V
*RP201Q (SC-88A) and RP201N (SOT-23-5) are the discontinued products. As of June in 2016.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com