Electronic Components Datasheet Search
  English  ▼

X  

HMC602LP4E Datasheet(PDF) 4 Page - Analog Devices

Part # HMC602LP4E
Description  Receiver Signal Strength Indication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC602LP4E Datasheet(HTML) 4 Page - Analog Devices

  HMC602LP4E Datasheet HTML 1Page - Analog Devices HMC602LP4E Datasheet HTML 2Page - Analog Devices HMC602LP4E Datasheet HTML 3Page - Analog Devices HMC602LP4E Datasheet HTML 4Page - Analog Devices HMC602LP4E Datasheet HTML 5Page - Analog Devices HMC602LP4E Datasheet HTML 6Page - Analog Devices HMC602LP4E Datasheet HTML 7Page - Analog Devices HMC602LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 21
LOGOUT Slope vs. Frequency
LOGOUT Slope vs. Supply Voltage
-32
-30
-28
-26
-24
-22
-20
012345678
+25C
+85C
-40C
FREQUENCY (GHz)
-32
-30
-28
-26
-24
-22
-20
4.5
5
5.5
0.1GHz
1.9GHz
3.6GHz
5.8GHz
8GHz
Vcc1, Vcc2, Vcc3 (Volts)
LOGOUT Intercept vs. Supply Voltage
LOGOUT Intercept vs. Frequency
12
15
18
21
24
27
30
012345678
+25C
+85C
-40C
FREQUENCY (GHz)
12
14
16
18
20
22
24
26
4.5
5
5.5
0.1GHz
1.9GHz
3.6GHz
5.8GHz
8GHz
Vcc1, Vcc2, Vcc3 (Volts)
[1] Unless otherwise noted: Vcc1, Vcc2, Vcc3 = +5V, TA = +25C
[2] This data is relative to the room temperature performance of the HMC602LP4(E)
[3] Reference plane at J1 connector on Evaluation PCB
0
0.4
0.8
1.2
1.6
2
2.4
-70
-60
-50
-40
-30
-20
-10
0
10
50 MHz
100 MHz
900 MHz
1900 MHz
2200 MHz
3600MHz
5800MHz
8000MHz
INPUT POWER (dBm)
-2
-1
0
1
2
-70
-60
-50
-40
-30
-20
-10
0
10
+85C
-40C
INPUT POWER (dBm)
LOGOUT Error vs. Input Power,
Normalized [2], Fin= 1900 MHz
LOGOUT Voltage
vs. Input Power & Frequency
HMC602LP4 / 602LP4E
v03.0209
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com