Electronic Components Datasheet Search
  English  ▼

X  

HMC602LP4E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC602LP4E
Description  Receiver Signal Strength Indication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC602LP4E Datasheet(HTML) 5 Page - Analog Devices

  HMC602LP4E Datasheet HTML 1Page - Analog Devices HMC602LP4E Datasheet HTML 2Page - Analog Devices HMC602LP4E Datasheet HTML 3Page - Analog Devices HMC602LP4E Datasheet HTML 4Page - Analog Devices HMC602LP4E Datasheet HTML 5Page - Analog Devices HMC602LP4E Datasheet HTML 6Page - Analog Devices HMC602LP4E Datasheet HTML 7Page - Analog Devices HMC602LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 22
Absolute Maximum Ratings
Vcc1, Vcc2, Vcc3
+5.5V
EN
+5.5V
VSET Input Voltage
+5.5V
LOGOUT Output Current
3 mA
RF Input Power
+15 dBm
Junction Temperature
125 °C
Continuous Pdiss (T = 85°C)
(Derate 7.95 mW/°C above 85°C)
1.55 Watts
Thermal Resistance (R
th)
(junction to lead)
42 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC602LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H602
XXXX
HMC602LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H602
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HMC APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN.
Input Return Loss vs Frequency [4]
[4] Reference plane at J1 connector on Evaluation PCB
-50
-40
-30
-20
-10
0
012345678
FREQUENCY (GHz)
HMC602LP4 / 602LP4E
v03.0209
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com