Electronic Components Datasheet Search
  English  ▼

X  

8261 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8261
Description  MSD HVC-2 Coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8261 Datasheet(HTML) 1 Page - Mallory performance club

  8261 Datasheet HTML 1Page - Mallory performance club 8261 Datasheet HTML 2Page - Mallory performance club 8261 Datasheet HTML 3Page - Mallory performance club 8261 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
WARNING: Disconnect the battery during installation. When disconnecting the battery, always
remove the negative cable first and install it last.
MSD HVC-2 Coil
PN 8261
The HVC-2 Coil is designed to be used with an MSD 7, 8 or 10 Series Ignition Control
only.
It is recommended to use 14-Gauge wiring for the primary coil wiring.
INSTALLATION
1. The Coil can be mounted in any position, but should be away from direct heat sources.
Use the Coil as a template and mark the location of the mounting holes. Use an 3/16” bit
to drill the holes.
2. Install the supplied vibration mounts to the coil and install the coil.
3. The MSD Orange wire connects to coil positive (+). Black connects to coil negative (-).
Note: It is recommended to use 14-Gauge wiring for the primary coil wiring.
4. Connect the coil secondary wire to the coil and distributor cap.
Parts Included
1 - HVC-2 Coil
4 - Vibration Mounts and Hardware
2 - Brass Lock Washers
2 - Ring Lug Terminals
2 - Brass Screws
WARNING: Very high voltages are present at the coil when the engine is running. Never connect
any test equipment or touch the coil while the engine is cranking or running.
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8261

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8261 FILTRAN-8261 Datasheet
172Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
API Technologies Corp
8261 APITECH-8261 Datasheet
589Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Belden Inc.
8261 BELDEN-8261 Datasheet
145Kb / 2P
Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
04-25-2023
logo
Santronics Inc
8261 SCS-8261 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
Belden Inc.
8261-0101000 BELDEN-8261-0101000 Datasheet
145Kb / 2P
Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
04-25-2023
More results

Similar Description - 8261

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN6632 MALLORY-PN6632 Datasheet
361Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
8200 MALLORY-8200 Datasheet
301Kb / 2P
MSD Blaster Coil
8203 MALLORY-8203 Datasheet
301Kb / 2P
MSD Blaster Coil
8222 MALLORY-8222 Datasheet
150Kb / 2P
MSD Blaster Coil
8250 MALLORY-8250 Datasheet
134Kb / 2P
MSD HVC Coil
8251 MALLORY-8251 Datasheet
199Kb / 2P
MSD Pro-Power HVC Coil
8252 MALLORY-8252 Datasheet
128Kb / 2P
MSD Blaster HVC Coil
8253 MALLORY-8253 Datasheet
210Kb / 4P
MSD Blaster HVC-2 Coil
PN82023 MALLORY-PN82023 Datasheet
150Kb / 2P
MSD Blaster Coil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com