Electronic Components Datasheet Search
  English  ▼

X  

8261 Datasheet(PDF) 2 Page - Mallory performance club

Part # 8261
Description  MSD HVC-2 Coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8261 Datasheet(HTML) 2 Page - Mallory performance club

  8261 Datasheet HTML 1Page - Mallory performance club 8261 Datasheet HTML 2Page - Mallory performance club 8261 Datasheet HTML 3Page - Mallory performance club 8261 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Wiring to an MSD 7AL-3
INHIBIT
RAS
OUTPUT
RAS
IGN
TACH
START
RETARD
PNTS
M+
M-
RET #1
RET #2
RET #3
RET #4
LAUNCH
BURNOUT
COIL +
TRIG
DIAG
COIL -
BATT -
BATT +
TM
TO BATTERY
NEGATIVE
TO BATTERY
POSITIVE
+
-
RED
MAGNETIC
PICKUP
ORANGE
BLACK
TO 12V
IGNITION
KEY
ORANGE
BLACK
Note: The Programmable Digital - 7 is supplied
with a coil harness and matching Deutsch
connector.
WARNING: Very high voltages are present at the coil when the engine is running. Never
connect any test equipment or touch the coil while the engine is cranking or
running.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com