Electronic Components Datasheet Search
  English  ▼

X  

LM6142 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6142
Description  High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6142 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM6142 Datasheet HTML 7Page - National Semiconductor (TI) LM6142 Datasheet HTML 8Page - National Semiconductor (TI) LM6142 Datasheet HTML 9Page - National Semiconductor (TI) LM6142 Datasheet HTML 10Page - National Semiconductor (TI) LM6142 Datasheet HTML 11Page - National Semiconductor (TI) LM6142 Datasheet HTML 12Page - National Semiconductor (TI) LM6142 Datasheet HTML 13Page - National Semiconductor (TI) LM6142 Datasheet HTML 14Page - National Semiconductor (TI) LM6142 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LM6142/44 Application Ideas (Continued)
These features allow the LM6142 to drive capacitive loads
as large as 1000 pF at unity gain and not oscillate. The
scope photos (
Figure 3 and Figure 4) above show the
LM6142 driving a l000 pF load. In
Figure 3, the upper trace
is with no capacitive load and the lower trace is with a 1000
pF load. Here we are operating on ±12V supplies with a 20
Vp-p pulse. Excellent response is obtained with a C
f of l0 pF.
In
Figure 4, the supplies have been reduced to ±2.5V, the
pulse is 4 Vp-p and C
f is 39 pF. The best value for the com-
pensation capacitor is best established after the board layout
is finished because the value is dependent on board stray
capacity, the value of the feedback resistor, the closed loop
gain and, to some extent, the supply voltage.
Another effect that is common to all opamps is the phase
shift caused by the feedback resistor and the input capaci-
tance. This phase shift also reduces phase margin. This ef-
fect is taken care of at the same time as the effect of the ca-
pacitive load when the capacitor is placed across the
feedback resistor.
The circuit shown in
Figure 5 was used for these scope
photos.
Typical Applications
FISH FINDER/ DEPTH SOUNDER.
The LM6142/44 is an excellent choice for battery operated
fish finders. The low supply current, high gain-bandwidth and
full rail to rail output swing of the LM6142 provides an ideal
combination for use in this and similar applications.
DS012057-6
FIGURE 2.
DS012057-8
FIGURE 3.
DS012057-9
FIGURE 4.
DS012057-10
FIGURE 5.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com