Electronic Components Datasheet Search
  English  ▼

X  

LM6142 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6142
Description  High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6142 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM6142 Datasheet HTML 7Page - National Semiconductor (TI) LM6142 Datasheet HTML 8Page - National Semiconductor (TI) LM6142 Datasheet HTML 9Page - National Semiconductor (TI) LM6142 Datasheet HTML 10Page - National Semiconductor (TI) LM6142 Datasheet HTML 11Page - National Semiconductor (TI) LM6142 Datasheet HTML 12Page - National Semiconductor (TI) LM6142 Datasheet HTML 13Page - National Semiconductor (TI) LM6142 Datasheet HTML 14Page - National Semiconductor (TI) LM6142 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Typical Applications (Continued)
ANALOG TO DIGITAL CONVERTER BUFFER
The high capacitive load driving ability, rail-to-rail input and
output range with the excellent CMR of 82 dB, make the
LM6142/44 a good choice for buffering the inputs of A to D
converters.
3 OPAMP INSTRUMENTATION AMP WITH
RAIL-TO-RAIL INPUT AND OUTPUT
Using the LM6144, a 3 opamp instrumentation amplifier with
rail-to-rail inputs and rail to rail output can be made. These
features make these instrumentation amplifiers ideal for
single supply systems.
Some manufacturers use a precision voltage divider array of
5 resistors to divide the common-mode voltage to get an in-
put range of rail-to-rail or greater. The problem with this
method is that it also divides the signal, so to even get unity
gain, the amplifier must be run at high closed loop gains.
This raises the noise and drift by the internal gain factor and
lowers the input impedance. Any mismatch in these preci-
sion resistors reduces the CMR as well. Using the LM6144,
all of these problems are eliminated.
In this example, amplifiers A and B act as buffers to the dif-
ferential stage (
Figure 6). These buffers assure that the input
impedance is over 100 M
Ω and they eliminate the require-
ment for precision matched resistors in the input stage. They
also assure that the difference amp is driven from a voltage
source. This is necessary to maintain the CMR set by the
matching of R1–R2 with R3–R4.
The gain is set by the ratio of R2/R1 and R3 should equal R1
and R4 equal R2. Making R4 slightly smaller than R2 and
adding a trim pot equal to twice the difference between R2
and R4 will allow the CMR to be adjusted for optimum.
With both rail to rail input and output ranges, the inputs and
outputs are only limited by the supply voltages. Remember
that even with rail-to-rail output, the output can not swing
past the supplies so the combined common mode voltage
plus the signal should not be greater than the supplies or lim-
iting will occur.
SPICE MACROMODEL
A SPICE macromodel of this and many other National Semi-
conductor opamps is available at no charge from the NSC
Customer Response Group at 800-272-9959.
DS012057-13
FIGURE 6.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com