Electronic Components Datasheet Search
  English  ▼

X  

ADL5721 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices ADL5721 Datasheet HTML 10Page - Analog Devices ADL5721 Datasheet HTML 11Page - Analog Devices ADL5721 Datasheet HTML 12Page - Analog Devices ADL5721 Datasheet HTML 13Page - Analog Devices ADL5721 Datasheet HTML 14Page - Analog Devices ADL5721 Datasheet HTML 15Page - Analog Devices ADL5721 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
ADL5721
Rev. 0 | Page 11 of 15
APPLICATIONS INFORMATION
LAYOUT
Solder the exposed pad on the underside of the ADL5721 to a
low thermal and electrical impedance ground plane. This pad is
typically soldered to an exposed opening in the solder mask on
the evaluation board. Connect these ground vias to all other
ground layers on the evaluation board to maximize heat
dissipation from the device package.
Figure 23. Evaluation Board Layout for the ADL5721 Package
DIFFERENTIAL vs. SINGLE-ENDED OUTPUT
This section provides the test results that compare the ADL5721
using a differential vs. a single-ended output. When using the
device as a single-ended output, use the RFOP output of the
evaluation board and terminate RFON to 50 Ω. Note that the
converse can be done as well; however, doing so produces slightly
different results from the plots shown in this section, caused by
some amplitude imbalance between the two differential ports,
RFOP and RFON. The output trace and connector loss were not
deembedded for these measurements.
Note that this performance is typical and not guaranteed.
35
30
25
20
15
10
5
0
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
FREQUENCY (GHz)
Figure 24. Gain vs. Frequency, BAND = 0 V
0
35
30
25
20
15
10
5
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
Figure 25. Gain vs. Frequency, BAND = 1.8 V
0
1
2
3
4
5
6
7
8
9
10
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
FREQUENCY (GHz)
Figure 26. Noise Figure vs. Frequency, BAND = 0 V
0
1
2
3
4
5
6
7
8
9
10
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
Figure 27. Noise Figure vs. Frequency, BAND = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com