Electronic Components Datasheet Search
  English  ▼

X  

ADL5721 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices ADL5721 Datasheet HTML 10Page - Analog Devices ADL5721 Datasheet HTML 11Page - Analog Devices ADL5721 Datasheet HTML 12Page - Analog Devices ADL5721 Datasheet HTML 13Page - Analog Devices ADL5721 Datasheet HTML 14Page - Analog Devices ADL5721 Datasheet HTML 15Page - Analog Devices ADL5721 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADL5721
Data Sheet
Rev. 0 | Page 14 of 15
BASIC CONNECTIONS FOR OPERATION
Figure 35 shows the basic connections for operating the ADL5721 as it is implemented on the evaluation board of the device.
ADL5721
25-146-1000-92
ADM7170ACPZ-1.8
ADM7172ACPZ-3.3
RED
4.7UF
1000PF
4.7UF
0
4.7UF
0
1000PF
4.7UF
69157-102
0.1UF
33PF
33PF
0.1UF
0
10K
CNSRI2516100092_SW109201A5
4.7NF
442
RED
RED
BLK
CNSRI2516100092_SW109201A5
CNSRI2516100092_SW109201A5
25-146-1000-92
25-146-1000-92
4.7NF
C4
C1
C2
C3
C6
C5
RFIN
RBIAS
P1
R3
U1
U2
C8
C7
R1
C9
C12
C11
R2
C10
5V
GND
3P3V
1P8V
R4
572X_RFON
572X_RFOP
DUTA
1.8V
5V
5V
3.3V
3.3V
3.3V
1.8V
1.8V
5V
1.8V
RFIN
OUTN
OUTP
BAND
1
1
2
5
3
4
8
7
1
2
5
PAD 6
PAD 6
3
4
8
7
1
2
1
1
1
1
1
1
4 3
2
4 3
2
4
3
2
5
2
3
7
6
PAD
4
1
8
AGND
AGND
AGND
AGND
OUTN
OUTP
INPT
PAD
VCC2
BAND
RBIAS
GND
VCC1
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
EP
VIN
VIN
GND
EN
SS
SENSE
VOUT
VOUT
EP
VIN
VIN
GND
EN
SS
SENSE
VOUT
VOUT
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
Figure 35. Evaluation Board Schematic
Table 6. Evaluation Board Configuration Options
Component
Function
Default Condition
3P3V, 1P8V, GND, 5V
Power supplies and ground.
Not applicable
RFIN, 572X_RFOP, 572x_RFON, BAND
Input, output, and data.
Not applicable
RBIAS
442 Ω for RBIAS.
RBIAS = 442 Ω (0402)
R1, R2
1.8 V and 3.3 V regulator connections.
R1, R2 = 0 Ω (0402)
R3
Band select.
R3 = 0 Ω (0603)
R4
Pull-up or pull-down resistor.
R4 = 10 kΩ (0402)
C1 to C12
The capacitors provide the required decoupling of the supply
related pins.
C1, C4 = 4.7 nF (0402),
C2, C3 = 33 pF (0402),
C5, C6 = 0.1 µF (0402),
C7, C9, C10, C12 = 4.7 µF (0603),
C8, C11 = 1000 pF (0603)
P1
Jumper to change bands, 2-pin jumper.
Not applicable
U1
ADM7170ACPZ-1.8 1.8 V regulator.
Not applicable
U2
ADM7172ACPZ-3.3 3.3 V regulator.
Not applicable
DUTA
ADL5721 device under test (DUT).
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com